Electronic Components Datasheet Search
  English  ▼

X  

MIC5019 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5019
Description  Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5019 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5019 Datasheet HTML 4Page - Micrel Semiconductor MIC5019 Datasheet HTML 5Page - Micrel Semiconductor MIC5019 Datasheet HTML 6Page - Micrel Semiconductor MIC5019 Datasheet HTML 7Page - Micrel Semiconductor MIC5019 Datasheet HTML 8Page - Micrel Semiconductor MIC5019 Datasheet HTML 9Page - Micrel Semiconductor MIC5019 Datasheet HTML 10Page - Micrel Semiconductor MIC5019 Datasheet HTML 11Page - Micrel Semiconductor MIC5019 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Micrel, Inc.
MIC5019
Evaluation Board Schematic
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty
C1
GRM188R71C104KA01D
Murata
(1)
0.1µF/16V Ceramic Capacitor, X7R, Size 0603
1
C2012X7R1C475K
TDK
(2)
GRM21BR71C475KA73L
Murata
C2
0805YC475KAT2A
AVX
(3)
4.7µF/16V Ceramic Capacitor, X7R, Size 0805
1
R1, R3, C3, C4,
Q1 (Open)
C5 (Open)
Used as gate Cap, different values
R2
CRCW06030000FKEA
Vishay Dale
(4)
0Ω Resistor, Size 0603, 5%
1
U1
MIC5019YFT
Micrel. Inc.
(5)
High Side/Low Side MOSFET Driver
1
Notes:
1.
Murata: www.murata.com.
2.
TDK: www.tdk.com.
3.
AVX: www.avx.com
4.
Vishay: www.vishay.com
5.
Micrel, Inc.: www.micrel.com.
July 2012
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com