Electronic Components Datasheet Search
  English  ▼

X  

MIC5019 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5019
Description  Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5019 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5019 Datasheet HTML 1Page - Micrel Semiconductor MIC5019 Datasheet HTML 2Page - Micrel Semiconductor MIC5019 Datasheet HTML 3Page - Micrel Semiconductor MIC5019 Datasheet HTML 4Page - Micrel Semiconductor MIC5019 Datasheet HTML 5Page - Micrel Semiconductor MIC5019 Datasheet HTML 6Page - Micrel Semiconductor MIC5019 Datasheet HTML 7Page - Micrel Semiconductor MIC5019 Datasheet HTML 8Page - Micrel Semiconductor MIC5019 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Micrel, Inc.
MIC5019
Typical Characteristics
VDD Supply Current
vs. Supply Voltage
0.2
0.4
0.6
0.8
1.0
July 2012
4
0.0
10
024
68
SUPPLY VOLTAGE (V)
VDD Supply Current
vs. Supply Voltage
0.2
0.4
0.6
0.8
1.0
-40°C
25°C
125°C
IN=VDD
0.0
10
024
68
SUPPLY VOLTAGE (V)
Output Voltage
vs. Supply Voltage
4
8
12
16
20
-40°C
25°C
125°C
IN=GND
125°C
0
02
46
8
10
SUPPLY VOLTAGE (V)
-40°C
25°C
Output Voltage
vs. Output Current
2
4
6
8
10
12
14
16
18
Output Voltage
vs. Output Current
2
4
6
8
10
12
14
16
18
IN Current
vs. Supply Voltage
0.2
0.4
0.6
0.8
1.0
0
0
20
40
60
80
100
120
140
160
OUTPUT CURRENT (
μA)
VDD = IN = 2.7V
VDD = IN = 3.3V
VDD=IN =5V
VDD=IN=9V
0
0
204060
80
100
120
140
160
OUTPUT CURRENT (
μA)
-40°C
25°C
125°C
VDD=IN=5V
0.0
024
68
10
SUPPLY VOLTAGE (V)
-40°C
25°C
125°C
IN = 2.7V
OUT Turn-On Time
vs. Load Capacitance
0
1
2
3
4
5
0
1000
2000
3000
4000
5000
CAPACITANCE (pF)
VDD=9V
VDD=5V
VDD=3V
OUT Turn-Off Time
vs. Load Capacitance
0
4
8
12
16
20
0
10002000300040005000
CAPACITANCE (pF)
VDD=5V
VDD=3V
VDD=9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com