Electronic Components Datasheet Search
  English  ▼

X  

MIC5019 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5019
Description  Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5019 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5019 Datasheet HTML 1Page - Micrel Semiconductor MIC5019 Datasheet HTML 2Page - Micrel Semiconductor MIC5019 Datasheet HTML 3Page - Micrel Semiconductor MIC5019 Datasheet HTML 4Page - Micrel Semiconductor MIC5019 Datasheet HTML 5Page - Micrel Semiconductor MIC5019 Datasheet HTML 6Page - Micrel Semiconductor MIC5019 Datasheet HTML 7Page - Micrel Semiconductor MIC5019 Datasheet HTML 8Page - Micrel Semiconductor MIC5019 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
MIC5019
July 2012
3
Absolute Maximum Ratings
(1)
VDD to GND..………..……….... …..……...…………....+10V
IN to GND…….…………...…………………….-0.6V to +10V
OUT to GND………………….…………………………..+19V
Junction Temperature (TJ) ........................–55°C to +150°C
Storage Temperature (Ts) .........................–55°C to +165°C
ESD Rating
(2)…………………..………………….1.5kV HBM
ESD Rating ………………………………………..200V MM
Operating Ratings
(3)
VDD to GND……………………...........……….+2.7V to +9V
IN to GND………………………………………….0V to VDD
Junction Temperature (TJ)………………...−40°C to +125°C
Thermal Resistance
(
θJC)…………………………………….……….……...60°C/W
(
θJA)…………………………………….……….…….140°C/W
Electrical Characteristics
(4)
2.7V
≤ VDD ≤ 9V; TA = 25°C, unless noted. Bold values indicate −40°C ≤ TJ ≤ +125°C.
Parameter
Condition
Min
Typ
Max
Units
IN = 0V
0.15
1
VDD = 3.3V
IN = 3.3V
77
140
IN = 0V
1
Supply Current
VDD = 5V
IN = 3.3V
150
300
μA
IN =Logic Low
0.8
2.7V
≤ VDD ≤ 3.6V IN = Logic High
2.7
IN Voltage
3.6V < VDD
≤ 9V
IN = Logic High
3.0
V
IN Current
2.7V
≤ VDD ≤ 9V
0.1
1
μA
IN Capacitance
5
pF
VDD = 2.7V
6.3
8.2
VDD = 3.0V
7.1
9.3
OUT Voltage
VDD = 4.5V
11.4
14.8
V
OUT Zener Diode Clamp Voltage
VDD = 9V
13
16.5
19
V
OUT Current
(5)
VDD = 5V
VOUT = 10V
10.6
μA
CL = 1000pF
0.440
1.5
OUT Turn-On Time
(6)
VDD = 4.5V
CL = 3000pF
1.34
4.2
ms
CL = 1000pF
5.56
20
OUT Turn-Off Time
(7)
VDD = 4.5V
CL = 3000 pF
17.6
60
μs
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
3.
The device is not guaranteed to function outside operating range.
4.
Specification for packaged product only.
5.
Resistive load selected to achieve VOUT = 10V.
6.
Turn-On Time is the time required for the gate voltage to rise to 4V above the supply voltage.
7.
Turn-Off Time is the time required for the gate voltage to fall to 4V above the supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com