Electronic Components Datasheet Search
  English  ▼

X  

LT6416 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6416
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6416 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6416 Datasheet HTML 3Page - Linear Technology LT6416 Datasheet HTML 4Page - Linear Technology LT6416 Datasheet HTML 5Page - Linear Technology LT6416 Datasheet HTML 6Page - Linear Technology LT6416 Datasheet HTML 7Page - Linear Technology LT6416 Datasheet HTML 8Page - Linear Technology LT6416 Datasheet HTML 9Page - Linear Technology LT6416 Datasheet HTML 10Page - Linear Technology LT6416 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC6417
7
6417f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC6417C/LTC6417I is guaranteed functional over the case
temperature operating range of –40°C to 105°C.
θJC = 6.8°C/W.
Note 3: The LTC6417C is guaranteed to meet specified performance from
0°C to 70°C. It is designed, characterized and expected to meet specified
performance from –40°C and 105°C case temperature range but is not
tested or QA sampled at these temperatures. The LT6417I is guaranteed to
meet specified performance from –40°C to 105°C case temperature range.
Note 4: This parameter is pulse tested.
ac elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 5V unless otherwise noted, GND = 0V, RLOAD = 500Ω,CLOAD = 6pF.
VCM = 1.25V, CLHI = V+, PWRADJ = VCC, SHDN = 0V unless otherwise noted. VINCM is defined as (IN+ + IN–)/2. VOUTCM is defined as
(OUT+ + OUT–)/2. VINDIFF is defined as (IN+ – IN–). VOUTDIFF is defined as (OUT+ – OUT–). See DC test circuit schematic.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IM3
Third Order Intermodulation Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
VOUTDIFF = 2.4VP-P
–73
–79
dBc
dBc
OIP3
Output Third Order Intercept
VOUTDIFF = 2.4VP-P, RL = 50Ω
41
dBm
P1dB
Output 1dB Compression Point
15.6
dBm
380MHz Signal
HD3
Third Harmonic Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
VOUTDIFF = 2.4VP-P
–66
–68
dBc
dBc
IM3
Third Order Intermodulation Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
VOUTDIFF = 2.4VP-P
–68
–77
dBc
dBc
OIP3
Output Third Order Intercept
VOUTDIFF = 2.4VP-P, RL = 50Ω
36
39
dBm
P1dB
Output 1dB Compression Point
15.3
dBm
400MHz Signal
HD3
Third Harmonic Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
VOUTDIFF = 2.4VP-P
–65
–68
dBc
dBc
IM3
Third Order Intermodulation Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
–68
dBc
OIP3
Output Third Order Intercept
VOUTDIFF = 2.4VP-P, RL = 50Ω
39
dBm
P1dB
Output 1dB Compression Point
15.3
dBm
500MHz Signal
HD3
Third Harmonic Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
VOUTDIFF = 2.4VP-P
–65
–67
dBc
dBc
IM3
Third Order Intermodulation Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
–64
dBc
OIP3
Output Third Order Intercept
VOUTDIFF = 2.4VP-P, RL = 50Ω
37
dBm
P1dB
Output 1dB Compression Point
15.0
dBm
600MHz Signal
HD3
Third Harmonic Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
–60
dBc
IM3
Third Order Intermodulation Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
–58
dBc
OIP3
Output Third Order Intercept
VOUTDIFF = 2.4VP-P, RL = 50Ω
34
dBm
P1dB
Output 1dB Compression Point
14.7
dBm
700MHz Signal
HD3
Third Harmonic Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
–55
dBc
IM3
Third Order Intermodulation Distortion
VOUTDIFF = 2.4VP-P, RL = 50Ω
–52
dBc
OIP3
Output Third Order Intercept
VOUTDIFF = 2.4VP-P, RL = 50Ω
31
dBm
P1dB
Output 1dB Compression Point
14.2
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com