Electronic Components Datasheet Search
  English  ▼

X  

LT6416 Datasheet(PDF) 5 Page - Linear Technology

Part # LT6416
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6416 Datasheet(HTML) 5 Page - Linear Technology

  LT6416 Datasheet HTML 1Page - Linear Technology LT6416 Datasheet HTML 2Page - Linear Technology LT6416 Datasheet HTML 3Page - Linear Technology LT6416 Datasheet HTML 4Page - Linear Technology LT6416 Datasheet HTML 5Page - Linear Technology LT6416 Datasheet HTML 6Page - Linear Technology LT6416 Datasheet HTML 7Page - Linear Technology LT6416 Datasheet HTML 8Page - Linear Technology LT6416 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC6417
5
6417f
ac elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 5V unless otherwise noted, GND = 0V, RLOAD = 500Ω,CLOAD = 6pF.
VCM = 1.25V, CLHI = V+, PWRADJ = VCC, SHDN = 0V unless otherwise noted. VINCM is defined as (IN+ + IN–)/2. VOUTCM is defined as
(OUT+ + OUT–)/2. VINDIFF is defined as (IN+ – IN–). VOUTDIFF is defined as (OUT+ – OUT–). See DC test circuit schematic.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Differential AC Characteristics
–3dBBW
–3dB Bandwidth
200mVP-P,OUT Differential
1.6
GHz
0.1dBBW
±0.1dB Bandwidth
200mVP-P,OUT Differential
0.18
GHz
0.5dBBW
±0.5dB Bandwidth
200mVP-P,OUT Differential
0.45
GHz
1/f
1/f Noise Corner
25
kHz
SR
Slew Rate
Differential
10
V/ns
tS1%
1% Settling Time
2VP-P,OUT
0.8
ns
tOFF
Shutdown Time
SHDN = 0V to 5V
40
ns
tON
Enable Time
SHDN = 5V to 0V
15
ns
tPWRADJ,OFF
PWRADJ Off Time
PWRADJ = 5V to 0V
10
ns
tPWRADJ,ON
PWRADJ On Time
PWRADJ = 0V to 5V
5
ns
tCL,OFF 10%
Clamp Release Time
CLHI = 1.5V, VCM = 1.25V, IN+ = 1.625V to 1.25V,
IN– = 1.25V to 0.875V
1
ns
tCL,ON 10%
Clamp Engage Time
CLHI = 1.5V, VCM = 1.25V, IN+ = 1.25V to 1.625V,
IN– = 1.25V to 0.875V
5
ns
Common Mode AC Characteristics (VCM Pin)
–3dBBW
VCM Pin Small Signal –3dB BW
VCM = 0.1VP-P, Measured Single-Ended at Output
10
MHz
SRCM
Common Mode Slew Rate
Measured Single-Ended at Output
2
V/µs
Overrange AC Characteristics (VOR Pin)
–3dBBW
VOR Pin Small Signal –3dB BW
VOR = 0.1VP-P, CLHI = 2V, IN+ = 2.4V, IN– = 0.1V,
RVOR = 1k, Measured Single-Ended at Output
200
MHz
SRVOR
Overrange Slew Rate
Measured Single-Ended at Output
40
V/µs
AC Clamping Characteristics
tOVDR
Overdrive Recovery Time
1.9VP-P,OUT
2
ns
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RPWRADJ
PWRADJ Pin Input Resistance
PWRADJ = 2.5V to 5.0V
l
10.5
10
14.5
19
20
kΩ
kΩ
VOR Pin
VOR(HI)
Maximum Voltage on VOR Pin
VCL = 5.0V, VCM = 1.25V
l
3.25
3.2
3.35
3.55
3.6
V
V
IOR(DEFAULT)
Default Pull-Down Current on VOR Pin VCL = 50V, VCM = 1.25V
l
–900
–1150
–770
–650
–500
µA
µA
IOR(MAX)
Maximum Pull-Down Current Both
Clamps are Active
VCL = 2.0V, VCM = 1.25V, IN+ = 2.4V,
IN– = 0.1V
l
1
1.5
2
µA
µA
Dc elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, GND = 0V, No RLOAD, CLOAD = 6pF. VCM = 1.25V, CLHI = V+,
PWRADJ = V+, SHDN = 0V unless otherwise noted. VINCM is defined as (IN+ + IN–)/2. VOUTCM is defined as (OUT+ + OUT–)/2. VINDIFF is
defined as (IN+ – IN–). VOUTDIFF is defined as (OUT+ – OUT–). See DC test circuit schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com