Electronic Components Datasheet Search
  English  ▼

X  

LT6416 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6416
Description  1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6416 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6416 Datasheet HTML 5Page - Linear Technology LT6416 Datasheet HTML 6Page - Linear Technology LT6416 Datasheet HTML 7Page - Linear Technology LT6416 Datasheet HTML 8Page - Linear Technology LT6416 Datasheet HTML 9Page - Linear Technology LT6416 Datasheet HTML 10Page - Linear Technology LT6416 Datasheet HTML 11Page - Linear Technology LT6416 Datasheet HTML 12Page - Linear Technology LT6416 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC6417
9
6417f
Typical perForMance characTerisTics
HD3 at 240MHz vs VCM Over V+
HD3 at 240MHz
vs PWRADJ Over Temperature
HD3 at 240MHz
vs VCM Over Temperature
VCM (V)
6417 G10
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–35
–45
–65
–55
–75
–85
–40°C
25°C
POUT = 11dBm
105°C
85°C
VCM (V)
6417 G11
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–40
–50
–70
–60
–80
–90
V+ = 4.75V
V+ = 5.0V
V+ = 5.25V
POUT = 11dBm
PWRADJ (V)
6417 G12
0
3.5
5
3
4.5
4
2 2.5
1.5
1
0.5
–40
–50
–70
–60
–80
–90
–40°C
25°C
105°C
85°C
POUT = 11dBm
HD3 at 380MHz vs VCM Over V+
HD3 at 380MHz
vs PWRADJ Over Temperature
HD3 at 380MHz
vs VCM Over Temperature
VCM (V)
6417 G13
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–25
–35
–55
–45
–65
–75
–40°C
25°C
85°C
POUT = 11dBm
105°C
VCM (V)
6417 G14
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–30
–40
–60
–50
–70
–80
V+ = 4.75V
V+ = 5.0V
V+ = 5.25V
POUT = 11dBm
PWRADJ (V)
6417 G15
0
3.5
5
3
4.5
4
2 2.5
1.5
1
0.5
–30
–40
–60
–50
–70
–80
–40°C
25°C
85°C
105°C
POUT = 11dBm
HD3 at 500MHz vs VCM Over V+
HD3 at 500MHz
vs PWRADJ Over Temperature
HD3 at 500MHz
vs VCM Over Temperature
VCM (V)
6417 G16
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–30
–40
–60
–50
–70
–80
–40°C
25°C
105°C
POUT = 11dBm
85°C
VCM (V)
6417 G17
0.85
1.55 1.65
1.45
1.25 1.35
1.15
1.05
0.95
–30
–40
–60
–50
–70
–80
POUT = 11dBm
V+ = 4.75V
V+ = 5.0V
V+ = 5.25V
PWRADJ (V)
6417 G18
0
3.5
5
3
4.5
4
2 2.5
1.5
1
0.5
–30
–40
–60
–50
–70
–80
–40°C
85°C
25°C
105°C
POUT = 11dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com