Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6350
Description  Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6350 Datasheet HTML 3Page - Linear Technology LT6350 Datasheet HTML 4Page - Linear Technology LT6350 Datasheet HTML 5Page - Linear Technology LT6350 Datasheet HTML 6Page - Linear Technology LT6350 Datasheet HTML 7Page - Linear Technology LT6350 Datasheet HTML 8Page - Linear Technology LT6350 Datasheet HTML 9Page - Linear Technology LT6350 Datasheet HTML 10Page - Linear Technology LT6350 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT6236/LT6237
7
623637f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the –40°C < T
A < 125°C
temperature range. VS = 5V, 0V; VS = 3.3V, 0V; VCM = VOUT = half supply, ENABLE = 0V, unless otherwise noted. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6236
LT6237MS8
LT6237DD8
l
l
l
750
650
700
μV
μV
μV
Input Offset Voltage Match
(Channel-to-Channel) (Note 6)
l
1000
μV
VOS TC
Input Offset Voltage Drift (Note 10)
LT6236
LT6237MS8
LT6237DD8
l
l
l
0.5
0.3
0.4
2.0
1.4
2.2
μV/°C
μV/°C
μV/°C
IB
Input Bias Current
l
12
μA
IB Match (Channel-to-Channel) (Note 6)
l
1.1
μA
IOS
Input Offset Current
l
1.2
μA
AVOL
Large-Signal Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 10k to VS/2
VS = 5V, VO = 0.5V to 4.5V, RL = 1k to VS/2
VS = 5V, VO = 1V to 4V, RL = 100Ω to VS/2
l
l
l
62
14
3
V/mV
V/mV
V/mV
VS = 3.3V, VO = 0.65V to 2.65V, RL = 10k to VS/2
VS = 3.3V, VO = 0.65V to 2.65V, RL = 1k to VS/2
l
l
52
11
V/mV
V/mV
VCM
Input Voltage Range
Guaranteed by CMRR
VS = 5V, 0V
VS = 3.3V, 0V
l
l
1.5
1.15
4
2.65
V
V
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = 1.5V to 4V
VS = 3.3V, VCM = 1.15V to 2.65V
l
l
90
85
dB
dB
PSRR
Power Supply Rejection Ratio
VS = 3V to 10V
l
85
dB
Minimum Supply Voltage (Note 7)
l
3V
VOL
Output Voltage Swing Low (Note 8)
No Load
ISINK = 5mA
VS = 5V, ISINK = 20mA
VS = 3.3V, ISINK = 15mA
l
l
l
l
60
225
550
425
mV
mV
mV
mV
VOH
Output Voltage Swing High (Note 8)
No Load
ISOURCE = 5mA
VS = 5V, ISOURCE = 20mA
VS = 3.3V, ISOURCE = 15mA
l
l
l
l
80
240
700
470
mV
mV
mV
mV
ISC
Short-Circuit Current
VS = 5V
VS = 3.3V
l
l
±15
±15
mA
mA
IS
Supply Current per Amplifier
Disabled Supply Current per Amplifier
ENABLE = V+ – 0.15V
l
l
2
5mA
μA
IENABLE
ENABLE Pin Current
ENABLE = 0.3V
l
–100
μA
VL
ENABLE Pin Input Voltage Low
l
0.3
V
VH
ENABLE Pin Input Voltage High
l V+ – 0.15V
V
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k, VO = 1.5V to 3.5V
l
31
V/μs
FPBW
Full-Power Bandwidth (Note 9)
VS = 5V, VOUT = 3VP-P
l
3.3
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com