Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6350
Description  Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350 Datasheet(HTML) 3 Page - Linear Technology

  LT6350 Datasheet HTML 1Page - Linear Technology LT6350 Datasheet HTML 2Page - Linear Technology LT6350 Datasheet HTML 3Page - Linear Technology LT6350 Datasheet HTML 4Page - Linear Technology LT6350 Datasheet HTML 5Page - Linear Technology LT6350 Datasheet HTML 6Page - Linear Technology LT6350 Datasheet HTML 7Page - Linear Technology LT6350 Datasheet HTML 8Page - Linear Technology LT6350 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT6236/LT6237
3
623637f
ELECTRICAL CHARACTERISTICS T
A = 25°C, VS = 5V, 0V; VS = 3.3V, 0V; VCM = VOUT = half supply,
ENABLE = 0V, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input Offset Voltage
LT6236
LT6237MS8
LT6237DD8
100
50
75
500
350
450
μV
μV
μV
Input Offset Voltage Match
(Channel-to-Channel) (Note 6)
100
600
μV
IB
Input Bias Current
510
μA
IB Match (Channel-to-Channel) (Note 6)
0.1
0.9
μA
IOS
Input Offset Current
0.1
0.6
μA
Input Noise Voltage
0.1Hz to 10Hz
180
nVP-P
en
Input Noise Voltage Density
f = 10kHz, VS = 5V
1.1
1.7
nV/√Hz
in
Input Noise Current Density, Balanced Source
Input Noise Current Density, Unbalanced Source
f = 10kHz, VS = 5V, RS = 10k
f = 10kHz, VS = 5V, RS = 10k
1
2.4
pA/√Hz
pA/√Hz
RIN
Input Resistance
Common Mode
Differential Mode
6.5
7.5
MΩ
kΩ
CIN
Input Capacitance
Common Mode
Differential Mode
2.9
7.7
pF
pF
AVOL
Large-Signal Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 10k to VS/2
VS = 5V, VO = 0.5V to 4.5V, RL = 1k to VS/2
VS = 5V, VO = 1V to 4V, RL = 100Ω to VS/2
105
21
5.4
200
40
9
V/mV
V/mV
V/mV
VS = 3.3V, VO = 0.65V to 2.65V, RL = 10k to VS/2
VS = 3.3V, VO = 0.65V to 2.65V, RL = 1k to VS/2
90
16.5
175
32
V/mV
V/mV
VCM
Input Voltage Range
Guaranteed by CMRR, VS = 5V, 0V
Guaranteed by CMRR, VS = 3.3V, 0V
1.5
1.15
4
2.65
V
V
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = 1.5V to 4V
VS = 3.3V, VCM = 1.15V to 2.65V
90
90
115
115
dB
dB
PSRR
Power Supply Rejection Ratio
VS = 3V to 10V
90
115
dB
Minimum Supply Voltage (Note 7)
3
V
VOL
Output Voltage Swing Low (Note 8)
No Load
ISINK = 5mA
VS = 5V, ISINK = 20mA
VS = 3.3V, ISINK = 15mA
4
85
240
185
40
190
460
350
mV
mV
mV
mV
VOH
Output Voltage Swing High (Note 8)
No Load
ISOURCE = 5mA
VS = 5V, ISOURCE = 20mA
VS = 3.3V, ISOURCE = 15mA
5
90
325
250
50
200
600
400
mV
mV
mV
mV
ISC
Short-Circuit Current
VS = 5V
VS = 3.3V
±30
±25
±45
±40
mA
mA
IS
Supply Current per Amplifier
Disabled Supply Current per Amplifier
ENABLE = V+ – 0.35V
3.15
0.2
3.5
10
mA
μA
IENABLE
ENABLE Pin Current
ENABLE = 0.3V
–25
–75
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com