Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6350
Description  Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6350 Datasheet HTML 5Page - Linear Technology LT6350 Datasheet HTML 6Page - Linear Technology LT6350 Datasheet HTML 7Page - Linear Technology LT6350 Datasheet HTML 8Page - Linear Technology LT6350 Datasheet HTML 9Page - Linear Technology LT6350 Datasheet HTML 10Page - Linear Technology LT6350 Datasheet HTML 11Page - Linear Technology LT6350 Datasheet HTML 12Page - Linear Technology LT6350 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT6236/LT6237
9
623637f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the 0°C < T
A < 70°C
temperature range. VS = ±5V, VCM = VOUT = 0V, ENABLE = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6236
LT6237MS8
LT6237DD8
l
l
l
600
450
550
μV
μV
μV
Input Offset Voltage Match
(Channel-to-Channel) (Note 6)
l
800
μV
VOS TC
Input Offset Voltage Drift (Note 10)
LT6236
LT6237MS8
LT6237DD8
l
l
l
0.7
0.5
0.4
2.2
1.8
2.2
μV/°C
μV/°C
μV/°C
IB
Input Bias Current
l
11
μA
IB Match (Channel-to-Channel) (Note 6)
l
1μA
IOS
Input Offset Current
l
0.7
μA
AVOL
Large-Signal Gain
VO = ±4.5V, RL = 10k
VO = ±4.5V, RL = 1k
VO = ±2V, RL = 100Ω
l
l
l
100
27
6
V/mV
V/mV
V/mV
VCM
Input Voltage Range
Guaranteed by CMRR
l
–3
4
V
CMRR
Common Mode Rejection Ratio
VCM = –3V to 4V
l
95
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±5V
l
85
dB
VOL
Output Voltage Swing Low (Note 8)
No Load
ISINK = 5mA
ISINK = 20mA
l
l
l
50
200
500
mV
mV
mV
VOH
Output Voltage Swing High (Note 8)
No Load
ISOURCE = 5mA
ISOURCE = 20mA
l
l
l
60
215
650
mV
mV
mV
ISC
Short-Circuit Current
l
±25
mA
IS
Supply Current per Amplifier
Disabled Supply Current per Amplifier
ENABLE = 4.75V
l
l
1
4.6
mA
μA
IENABLE
ENABLE Pin Current
ENABLE = 0.3V
l
–95
μA
VL
ENABLE Pin Input Voltage Low
l
0.3
V
VH
ENABLE Pin Input Voltage High
l
4.75
V
SR
Slew Rate
AV = –1, RL = 1k, VO = –2V to 2V
l
44
V/μs
FPBW
Full-Power Bandwidth
VOUT = 3VP-P (Note 9)
l
4.66
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com