Electronic Components Datasheet Search
  English  ▼

X  

LT6350 Datasheet(PDF) 8 Page - Linear Technology

Part # LT6350
Description  Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6350 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6350 Datasheet HTML 4Page - Linear Technology LT6350 Datasheet HTML 5Page - Linear Technology LT6350 Datasheet HTML 6Page - Linear Technology LT6350 Datasheet HTML 7Page - Linear Technology LT6350 Datasheet HTML 8Page - Linear Technology LT6350 Datasheet HTML 9Page - Linear Technology LT6350 Datasheet HTML 10Page - Linear Technology LT6350 Datasheet HTML 11Page - Linear Technology LT6350 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT6236/LT6237
8
623637f
TA = 25°C, VS = ±5V, VCM = VOUT = 0V, ENABLE = 0V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6236
LT6237MS8
LT6237DD8
100
50
75
500
350
450
μV
μV
μV
Input Offset Voltage Match
(Channel-to-Channel) (Note 6)
100
600
μV
IB
Input Bias Current
510
μA
IB Match (Channel-to-Channel) (Note 6)
0.1
0.9
μA
IOS
Input Offset Current
0.1
0.6
μA
Input Noise Voltage
0.1Hz to 10Hz
180
nVP-P
en
Input Noise Voltage Density
f = 10kHz
1.1
1.7
nV/√Hz
in
Input Noise Current Density, Balanced Source
Input Noise Current Density, Unbalanced source
f = 10kHz, RS = 10k
f = 10kHz, RS = 10k
1
2.4
pA/√Hz
pA/√Hz
RIN
Input Resistance
Common Mode
Differential Mode
6.5
7.5
MΩ
kΩ
CIN
Input Capacitance
Common Mode
Differential Mode
2.4
6.5
pF
pF
AVOL
Large-Signal Gain
VO = ±4.5V, RL = 10k
VO = ±4.5V, RL = 1k
VO = ±2V, RL = 100Ω
140
35
8.5
260
65
16
V/mV
V/mV
V/mV
VCM
Input Voltage Range
Guaranteed by CMRR
–3
4
V
CMRR
Common Mode Rejection Ratio
VCM = –3V to 4V
95
120
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±5V
90
115
dB
VOL
Output Voltage Swing Low (Note 8)
No Load
ISINK = 5mA
ISINK = 20mA
4
85
240
40
190
460
mV
mV
mV
VOH
Output Voltage Swing High (Note 8)
No Load
ISOURCE = 5mA
ISOURCE = 20mA
5
90
325
50
200
600
mV
mV
mV
ISC
Short-Circuit Current
±30
mA
IS
Supply Current per Amplifier
Disabled Supply Current per Amplifier
ENABLE = 4.65V
3.3
0.2
3.9
mA
μA
IENABLE
ENABLE Pin Current
ENABLE = 0.3V
–35
–85
μA
VL
ENABLE Pin Input Voltage Low
0.3
V
VH
ENABLE Pin Input Voltage High
4.65
V
Output Leakage Current
ENABLE = V+ –0.35V, VO = ±1V
0.2
10
μA
tON
Turn-On Time
ENABLE = 5V to 0V, RL = 1k
800
ns
tOFF
Turn-Off Time
ENABLE = 0V to 5V, RL = 1k
62
μs
GBW
Gain-Bandwidth Product
Frequency = 1MHz
150
215
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = –2V to 2V
50
70
V/μs
FPBW
Full-Power Bandwidth
VOUT = 3VP-P (Note 9)
5.3
7.4
MHz
tS
Settling Time
0.1%, VSTEP = 4V, AV = 1,
0.01%
0.0015% (16-Bit)
4ppm (18-Bit)
60
80
470
1200
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com