Electronic Components Datasheet Search
  English  ▼

X  

LT6201 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6201
Description  14-Bit, 4.5Msps Serial Sampling ADC in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6201 Datasheet HTML 3Page - Linear Technology LT6201 Datasheet HTML 4Page - Linear Technology LT6201 Datasheet HTML 5Page - Linear Technology LT6201 Datasheet HTML 6Page - Linear Technology LT6201 Datasheet HTML 7Page - Linear Technology LT6201 Datasheet HTML 8Page - Linear Technology LT6201 Datasheet HTML 9Page - Linear Technology LT6201 Datasheet HTML 10Page - Linear Technology LT6201 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2314-14
7
231414f
For more information www.linear.com/2314-14
Typical perForMance characTerisTics
Supply Current vs Temperature
Shutdown Current vs Temperature
Supply Current vs SCK Frequency
Reference Current
vs Reference Voltage
Full-Scale Error vs Temperature
Offset Error vs Temperature
SNR, SINAD vs Reference Voltage
fIN = 500kHz
THD, Harmonics vs Temperature,
fIN = 500kHz
TA = 25°C, VDD = 5V, OVDD = 2.5V, fSMPL = 4.5Msps,
unless otherwise noted.
REFERENCE VOLTAGE (V)
2
72
75
74
73
77
76
79
78
2.5
3
3.5
4
4.5
231414 G10
SNR
SNR
SINAD
SINAD
VDD = 3.6V
OPERATION
NOT ALLOWED
VDD = 5V
REFERENCE VOLTAGE (V)
2
0
200
100
300
400
500
600
2.5
3
3.5
4
4.5
231414 G11
VDD = 3.6V
fS = 5Msps
fS = 5Msps
fS = 3Msps
fS = 3Msps
OPERATION
NOT ALLOWED
VDD = 5V
TEMPERATURE (°C)
–55
–4
–1
0
–3
–2
1
2
3
4
–35 –15 5
45
25
85
65
105 125
231414 G12
TEMPERATURE (°C)
–55
–1
0
–0.5
0.5
1
–35 –15 5
45
25
85
65
105 125
231414 G13
TEMPERATURE (°C)
–55
5
5.75
5.5
5.25
6
6.5
6.25
–35 –15 5
45
25
85
65
105 125
231414 G14
VDD = 5V
VDD = 3V
TEMPERATURE (°C)
–55
5
0.25
0.5
1
0.75
–35 –15 5
45
25
85
65
105 125
231414 G15
VDD = 5V
VDD = 3V
IVDD + IOVDD
SCK FREQUENCY (MHz)
10
0
2
4
7
5
3
1
6
20
30
50
40
70
60
80
90
231414 G16
ITOT
IVDD
VDD = 3V
OVDD = 1.8V
IOVDD
TEMPERATURE (°C)
–55 –35
–100
–95
–90
–85
–80
–75
–15 5
25 45 65 85 105 125
231414 G08a
THD
3RD
2ND
VDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com