Electronic Components Datasheet Search
  English  ▼

X  

LT6201 Datasheet(PDF) 17 Page - Linear Technology

Part # LT6201
Description  14-Bit, 4.5Msps Serial Sampling ADC in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6201 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT6201 Datasheet HTML 12Page - Linear Technology LT6201 Datasheet HTML 13Page - Linear Technology LT6201 Datasheet HTML 14Page - Linear Technology LT6201 Datasheet HTML 15Page - Linear Technology LT6201 Datasheet HTML 16Page - Linear Technology LT6201 Datasheet HTML 17Page - Linear Technology LT6201 Datasheet HTML 18Page - Linear Technology LT6201 Datasheet HTML 19Page - Linear Technology LT6201 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LTC2314-14
17
231414f
For more information www.linear.com/2314-14
applicaTions inForMaTion
Figure 16. Top Silkscreen
Figure 17. Layer 1 Top Layer
Figure 18. Layer 2 GND Plane
analog signals or underneath the ADC. The following is an
exampleofarecommendedPCBlayout.Asinglesolidground
plane is used. Bypass capacitors to the supplies are placed
as close as possible to the supply pins. Low impedance
common returns for these bypass capacitors is essential to
the low noise operation of the ADC. The analog input traces
are screened by ground. For more details and information
refer to DC1563A, the evaluation kit for the LTC2314-14.
Bypassing Considerations
High quality tantalum and ceramic bypass capacitors
should be used at the VDD, OVDD and REF pins. For opti-
mum performance, a 2.2µF ceramic chip capacitor should
be used for the VDD and OVDD pins. The recommended
bypassing for the REF pin is also a low ESR, 2.2µF ceramic
capacitor. The traces connecting the pins and the bypass
capacitors must be kept as short as possible and should
be made as wide as possible avoiding the use of vias.
ThefollowingisanexampleofarecommendedPCBlayout.
All analog circuitry grounds should be terminated at the
LTC2314-14. The ground return from the LTC2314-14 to
the power supply should be low impedance for noise free
operation. Digital circuitry grounds must be connected to
the digital supply common.
In applications where the ADC data outputs and control
signals are connected to a continuously active micropro-
cessor bus, it is possible to get errors in the conversion
results. These errors are due to feed-through from the
microprocessor to the successive approximation com-
parator. The problem can be eliminated by forcing the
microprocessor into a “Wait” state during conversion
or by using tri-state buffers to isolate the ADC data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com