Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 15 Page - Linear Technology

Part # LT6237
Description  Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT6237 Datasheet HTML 11Page - Linear Technology LT6237 Datasheet HTML 12Page - Linear Technology LT6237 Datasheet HTML 13Page - Linear Technology LT6237 Datasheet HTML 14Page - Linear Technology LT6237 Datasheet HTML 15Page - Linear Technology LT6237 Datasheet HTML 16Page - Linear Technology LT6237 Datasheet HTML 17Page - Linear Technology LT6237 Datasheet HTML 18Page - Linear Technology LT6237 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LT6236/LT6237
15
623637f
TYPICAL PERFORMANCE CHARACTERISTICS
Settling Time vs Output Step
(Noninverting)
18-Bit Settling Time to 2VP-P
Output Step
18-Bit Settling Time to 4VP-P
Output Step
Settling Time vs Output Step
(Inverting)
Maximum Undistorted Output
Signal vs Frequency
Distortion vs Frequency
Distortion vs Frequency
Distortion vs Frequency
Distortion vs Frequency
OUTPUT STEP (V)
–4
0
62367 G28
–3
–2
–1
1
100
200
150
50
0
234
1mV
10mV
1mV
10mV
VS = ±5V
TA = 25°C
AV = 1
+
–
500Ω
VOUT
VIN
OUTPUT STEP (V)
–4
0
62367 G29
–3
–2
–1
1
200
150
0
50
100
234
1mV
10mV
1mV
10mV
VS = ±5V
TA = 25°C
AV = –1
+
–
500Ω
500Ω
VOUT
VIN
FREQUENCY (Hz)
10k
10
9
8
7
6
5
4
3
2
100k
1M
10M
62367 G30
VS = ±5V
TA = 25°C
HD2, HD3 < –40dBc
AV = –1
AV = 2
FREQUENCY (Hz)
1k
–50
–60
–70
–80
–90
–100
–110
–120
–130
100k
10k
1M
10M
62367 G31
VS = ±2.5V
AV = 1
VOUT = 2VP-P
RL = 1k
HD3
HD2
FREQUENCY (Hz)
1k
10k
–50
–60
–70
–80
–90
–100
–110
–120
–130
100k
1M
10M
62367 G32
VS = ±5V
AV = 1
RL = 1k
VOUT = 4VP-P, HD2
VOUT = 2VP-P, HD2
VOUT = 2VP-P, HD3
VOUT = 4VP-P, HD3
FREQUENCY (Hz)
1k
–40
–50
–60
–70
–80
–90
–130
–100
–110
–120
100k
10k
1M
10M
62367 G33
VOUT = 4VP-P, HD2
VS = ±2.5V
AV = –1
RL = 1k
VOUT = 2VP-P, HD3
VOUT = 2VP-P, HD2
VOUT = 4VP-P, HD3
FREQUENCY (Hz)
1k
–50
–60
–70
–80
–90
–100
–110
–120
–130
100k
10k
1M
10M
62367 G34
VS = ±5V
AV = –1
RL = 1k
VOUT = 4VP-P, HD3
VOUT = 2VP-P, HD3
VOUT = 4VP-P, HD2
VOUT = 2VP-P, HD2
0.5μs/DIV
2.0
1.5
1.0
0.5
0.0
62367 G27a
60
45
30
15
0
–15
–30
–45
–60
VS = ±2.5V
AV = 1
SETTLING RESIDUE
1 DIV = 18-BIT ERROR
VOUT
0.5μs/DIV
4
3
2
1
0
62367 G27b
60
45
30
15
0
–15
–30
–45
–60
SETTLING RESIDUE
1 DIV = 18-BIT ERROR
VOUT
VS = ±5V
AV = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com