Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 18 Page - Linear Technology

Part # LT6237
Description  Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT6237 Datasheet HTML 14Page - Linear Technology LT6237 Datasheet HTML 15Page - Linear Technology LT6237 Datasheet HTML 16Page - Linear Technology LT6237 Datasheet HTML 17Page - Linear Technology LT6237 Datasheet HTML 18Page - Linear Technology LT6237 Datasheet HTML 19Page - Linear Technology LT6237 Datasheet HTML 20Page - Linear Technology LT6237 Datasheet HTML 21Page - Linear Technology LT6237 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LT6236/LT6237
18
623637f
APPLICATIONS INFORMATION
ESD
The LT6236/LT6237 have reverse-biased ESD protection
diodes on all inputs and outputs as shown in Figure 1.
If these pins are forced beyond either supply, unlimited
current will flow through these diodes. If the current is
transient and limited to 100mA or less, no damage to the
device will occur.
Noise
The noise voltage of the LT6236/LT6237 is equivalent to
that of a 75Ω resistor, and for the lowest possible noise it
is desirable to keep the source and feedback resistance
at or below this value, i.e. RS + RG||RFB ≤ 75Ω. With
RS + RG||RFB = 75Ω the total noise of the amplifier is:
eN = (1.1nV)2 +(1.1nV)2 = 1.55nV / Hz
Below this resistance value, the amplifier dominates the
noise, but in the region between 75Ω and about 3k, the
noise is dominated by the resistor thermal noise. As the
total resistance is further increased beyond 3k, the amplifier
noise current multiplied by the total resistance eventually
dominates the noise.
The product of eN • √ISUPPLY is an interesting way to gauge
low noise amplifiers. Most low noise amplifiers have high
ISUPPLY. In applications that require low noise voltage with
the lowest possible supply current, this product can be
helpful.
The LT6236/LT6237 have an eN • √ISUPPLY of only 1.9
per amplifier, yet it is common to see amplifiers with
similar noise specifications to have eN • √ISUPPLY as high
as 13.5. For a complete discussion of amplifier noise, see
the LT1028 data sheet.
ENABLE Pin
The LT6236 includes an ENABLE pin that shuts down the
amplifier to 10μA maximum supply current. For normal
operation, the ENABLE pin must be pulled to at least
2.7V below V+. The ENABLE pin must be driven high to
within 0.35V of V+ to shut down the amplifier. This can
be accomplished with simple gate logic; however care
must be taken if the logic and the LT6236 operate from
different supplies. If this is the case, open drain logic can
be used with a pull-up resistor to ensure that the ampli-
fier remains off. When the ENABLE pin is left floating, the
amplifier is inactive. However, care should be taken to
control the leakage current through the pin so the amplifier
is not inadvertently turned on. See Typical Performance
Characteristics.
The output leakage current when disabled is very low;
however, current can flow into the input protection diodes,
D1 and D2, if the output voltage exceeds the input voltage
by a diode drop.
Power Dissipation
The LT6237MS8 combines high speed with large output
current in a small package. Due to the wide supply volt-
age range, it is possible to exceed the maximum junction
temperature under certain conditions. Maximum junction
temperature (TJ) is calculated from the ambient tempera-
ture (TA) and power dissipation (PD) as follows:
TJ = TA + (PD • θJA)
The power dissipation in the IC is the function of the sup-
ply voltage, output voltage and the load resistance. For
a given supply voltage, the worst-case power dissipation
PD(MAX) occurs at the maximum quiescent supply current
and at the output voltage which is half of either supply
voltage (or the maximum swing if it is less than half the
supply voltage). PD(MAX) is given by:
PD(MAX) = (V+– V–)( IS(MAX)) + (V+/2)2/RL
Example: An LT6237HMS8 in the 8-Lead MSOP package
has a thermal resistance of θJA = 273°C/W. Operating
on ±5V supplies with one amplifier driving a 1k load, the
worst-case power dissipation is given by:
PD(MAX) = (10V)(11mA) + (2.5V)2/1000Ω= 116mW
In this example, the maximum ambient temperature that
the part is allowed to operate is:
TA = TJ - (PD(MAX) × 273°C/W)
TA = 150°C – (116mW)(273°C/W) = 118.3°C
To operate the device at a higher ambient temperature for
the same conditions, switch to using two LT6236 in the
6-Lead TSOT-23, or a single LT6237 in the 8-Lead DFN
package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com