Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 17 Page - Linear Technology

Part # LT6237
Description  Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT6237 Datasheet HTML 13Page - Linear Technology LT6237 Datasheet HTML 14Page - Linear Technology LT6237 Datasheet HTML 15Page - Linear Technology LT6237 Datasheet HTML 16Page - Linear Technology LT6237 Datasheet HTML 17Page - Linear Technology LT6237 Datasheet HTML 18Page - Linear Technology LT6237 Datasheet HTML 19Page - Linear Technology LT6237 Datasheet HTML 20Page - Linear Technology LT6237 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT6236/LT6237
17
623637f
Functional Description
Figure 1 is a simplified schematic of the LT6236/LT6237,
which has a pair of low noise input transistors Q1 and Q2.
A simple current mirror Q3/Q4 converts the differential
signal to a single-ended output, and these transistors are
degenerated to reduce their contribution to the overall
noise. Capacitor C1 reduces the unity cross frequency
and improves the frequency stability without degrading
the gain bandwidth of the amplifier. Capacitor CM sets
the overall amplifier gain bandwidth. The differential drive
generator supplies current to transistors Q5 and Q6 that
provide rail-to-rail output swing.
Input Protection
Back-to-back diodes, D1 and D2, limit the differential input
voltage to ±0.7V. The inputs of the LT6236/LT6237 do not
have internal resistors in series with the input transistors.
This technique is often used to protect the input devices
from over voltage that causes excessive current to flow.
The addition of these resistors would significantly degrade
the voltage noise of these amplifiers.
For instance, a 100Ω resistor in series with each input
would generate 1.8nV/√Hz of noise, and the total amplifier
noise voltage would rise from 1.1nV/√Hz to 2.1nV/√Hz.
Once the input differential voltage exceeds ±0.7V, steady
state current conducted through the protection diodes
should be limited to ±40mA. This implies 25Ω of protec-
tion resistance is necessary per volt of overdrive beyond
APPLICATIONS INFORMATION
±0.7V. These input diodes are rugged enough to handle
transient currents due to amplifier slew rate overdrive and
clipping without protection resistors. Figure 2 shows the
output response to an input overdrive with the amplifier
connected as a voltage follower. With the input signal
low, current source I1 saturates and the differential drive
generator drives Q6 into saturation so the output voltage
swings all the way to V–. The input can swing positive
until transistor Q2 saturates into current mirror Q3/Q4.
When saturation occurs, the output tries to phase invert,
but diode D2 conducts current from the signal source to
the output through the feedback connection. The output
is clamped a diode drop below the input. In Figure 2, the
input signal generator is limiting at about 20mA.
With the amplifier connected in a gain of AV ≥ 2, the output
can invert with very heavy overdrive. To avoid this inver-
sion, limit the input overdrive to 0.5V beyond the power
supply rails.
Figure 1. Simplified Schematic
ENABLE
DESD6
DESD5
–V
+V
+VIN
–VIN
+V
62367 F01
BIAS
DIFFERENTIAL
DRIVE GENERATOR
VOUT
+V
CM
I1
–V
DESD3
–V
–V
DESD4
+V
DESD1
–V
DESD2
+V
D1
C1
D2
Q5
Q6
Q4
Q2
Q3
Q1
Figure 2. VS = ±2.5V, AV = 1 with Large Overdrive
2.5V
0V
–2.5V
500μs/DIV
62367 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com