Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 24 Page - Linear Technology

Part # LT6237
Description  Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6237 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT6237 Datasheet HTML 16Page - Linear Technology LT6237 Datasheet HTML 17Page - Linear Technology LT6237 Datasheet HTML 18Page - Linear Technology LT6237 Datasheet HTML 19Page - Linear Technology LT6237 Datasheet HTML 20Page - Linear Technology LT6237 Datasheet HTML 21Page - Linear Technology LT6237 Datasheet HTML 22Page - Linear Technology LT6237 Datasheet HTML 23Page - Linear Technology LT6237 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT6236/LT6237
24
623637f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2012
LT 1212 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
OPERATIONAL AMPLIFIERS
LT6230/LT6231
Single, Dual Low noise, rail-to-rail output.
1.1nV/√Hz
LT6350
Low Noise, Single-Ended to Differential Converter/ADC Driver 4.8mA, -97dBc distortion at 100kHz, 4VP–P Output
LTC6246/LTC6247/LTC6248
Single/Dual/Quad 180MHz Rail-to-Rail Low Power Op Amps
1mA/Amplifier, 4.2nV/√Hz
LTC6360
1GHz Very Low Noise Single-Ended SAR ADC Driver with
True Zero Output
HD2 = –103dBc and HD3 = –109dBc for 4VP-P Output at 40kHz
ADCs
LTC2389-18
Low power 18-bit SAR ADC
2.5 Msps
LTC2389-16
Low power 16-bit SAR ADC
2.5 Msps
LTC2379-18
LTC2378-18
LTC2377-18
LTC2376-18
Low power 18-bit SAR ADC
1.6 Msps
1 Msps
500 ksps
250 ksps
+
–
R1
1.5k
R2
1.5k
C2
0.1μF
5V
–5V
ENABLE
LT6236
≈200V BIAS
ADVANCED PHOTONIX
012-70-62-541
WWW.ADVANCEDPHOTONIX.COM
62367 TA06
C1
4.7pF
OUTPUT OFFSET = 500μV TYPICAL
BANDWIDTH = 20MHz
OUTPUT NOISE = 1.1mVP-P (100MHz MEASUREMENT BW)
50ns/DIV
62367 TA07
Low Power Avalanche Photodiode Transimpedance Amplifier
IS = 3.3mA
Photodiode Amplifier Time Domain Response
The LT6236 is configured as a transimpedance amplifier
with an I-to-V conversion gain of 1.5kΩ set by R1. The
LT6236 is ideally suited to this application because of its
low input offset voltage and current, and its low noise.
This is because the 1.5k resistor has an inherent thermal
noise of 5nV/√Hz or 3.4pA/√Hz at room temperature, while
the LT6236 contributes only 1.1nV/√Hz and 2.4pA/√Hz.
So, with respect to both voltage and current noises, the
LT6236 is actually quieter than the gain resistor. The
circuit uses an avalanche photodiode with the cathode
biased to approximately 200V. When light is incident on
the photodiode, it induces a current
IPD which flows into the amplifier circuit. The amplifier
output falls negative to maintain balance at its inputs.
The transfer function is therefore VOUT = –IPD • 1.5k. C1
ensures stability and good settling characteristics. Output
offset was measured at 280μV, so low in part because R2
serves to cancel the DC effects of bias current. Output
noise was measured at 1.1mVP–P on a 100MHz measure-
ment bandwidth, with C2 shunting R2’s thermal noise. As
shown in the scope photo, the rise time is 17ns, indicating
a signal bandwidth of 20MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com