Electronic Components Datasheet Search
  English  ▼

X  

ACT-D1M96S Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # ACT-D1M96S
Description  ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-D1M96S Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button ACT-D1M96S Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 10Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 11Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 12Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 13Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Aeroflex Circuit Technology
SCD3369-1 REV C 5/31/00 Plainview NY (516) 694-6700
9
Capacitance
†
(f = 1MHz, Tc = 25°C)
Symbol
Parameter
Min
Max
Units
Ci(S)
Input Capacitance, CLK Input
50
pF
Ci(AC)
Input Capacitance, Address and Control Inputs: A0-A11, CS, DQMx, RAS, CAS, WE
40
pF
Ci(E)
Input Capacitance, CKE Input
50
pF
CO
Output Capacitance
20
pF
†
Parameters Guaranteed but not tested
AC Timing
†‡
(Vcc = 3.3V ±0.3V, Tc = -55°C to +110°C, See Note 4)
Parameter
Symbol
Test Conditions
Min
Max
Units
Cycle time, CLK
tCK2
CAS latency = 2
20
ns
Pulse duration, CLK high
tCH
6
ns
Pulse duration, CLK low
tCL
6
ns
Access time, CLK high to data out (see Note 1)
tAC2
CAS latency = 2
13
ns
Hold time, CLK high to data out
tOH
1
ns
Setup time, address, control, and data input
tIS
5
ns
Hold time, address, control, and data input
tIH
3
ns
Delay time, ACTV command to DEAC or DCAB
command
tRAS
72
100000
ns
Delay time, ACTV or REFR to ACTV, MRS or
REFR command
tRC
108
ns
Delay time ACTV command to READ, READ-P,
WRT, or WRT-P command (see Note 2)
tRCD
30
ns
Delay time, DEAC or DCAB command to ACTV,
MRS or REFR command
tRP
36
ns
Delay time, ACTV command in one bank to
ACTV command in the other bank
tRRD
24
ns
Delay time, MRS command to ACTV, MRS or
REFR command
tRSA
30
ns
Final data out of READ-P operation to ACTV,
MRS or REFR command
tAPR
Min
t RP - (CL -1) *
tCK
(see Note 3)
ns
Final data in of WRT-P operation to ACTV, MRS
or REFR command
tAPW
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com