Electronic Components Datasheet Search
  English  ▼

X  

ACT-D1M96S Datasheet(PDF) 14 Page - Aeroflex Circuit Technology

Part # ACT-D1M96S
Description  ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-D1M96S Datasheet(HTML) 14 Page - Aeroflex Circuit Technology

Back Button ACT-D1M96S Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 10Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 11Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 12Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 13Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 14Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Aeroflex Circuit Technology
SCD3369-1 REV C 5/31/00 Plainview NY (516) 694-6700
14
Sample Ordering Information
Part Number
Screening
Speed
Package
ACT-D1M96S-020F20C
Commercial Temperature
20 ns
200 Lead CQFP
ACT-D1M96S-020F20T
Extended Temperature
20 ns
200 Lead CQFP
ACT-D1M96S-020F20M
Extended Temperature Screening
20 ns
200 Lead CQFP
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: (800) 843-1553
www.aeroflex.com/act1.htm
E-Mail: sales-act@aeroflex.com
Specifications subject to change without notice.
CIRCUIT TECHNOLOGY
Part Number Breakdown
Aeroflex Circuit
Technology
Package Type & Size
C = Commercial Temp, 0°C to +70°C
I = Industrial Temp, -40°C to +85°C
T = Extended Temp, -55°C to +110°C
M = Extended Temp, -55°C to +110°C, Screened
*
Q = MIL-PRF-38534 Compliant/SMD if applicable
Screening
* Screened to the individual test methods of MIL-STD-883
Surface Mount Package
F20 = 1.45" SQ 200 Lead CQFP
Memory Type
D = DRAM
Memory Depth, Locations
Options
Memory Width, Bits
S = Syncronous
Memory Speed, ns
ACT– D 1M 96 S – 020 F20 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com