Electronic Components Datasheet Search
  English  ▼

X  

ACT-D1M96S Datasheet(PDF) 12 Page - Aeroflex Circuit Technology

Part # ACT-D1M96S
Description  ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-D1M96S Datasheet(HTML) 12 Page - Aeroflex Circuit Technology

Back Button ACT-D1M96S Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 10Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 11Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 12Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 13Page - Aeroflex Circuit Technology ACT-D1M96S Datasheet HTML 14Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Aeroflex Circuit Technology
SCD3369-1 REV C 5/31/00 Plainview NY (516) 694-6700
12
Detail "A"
0°±5°
.130 (3.302)
MAX
.010R MIN
.010R MIN
.012 (.304)
.009 (.229)
.015 (.381)
.009 (.229)
.100 (2.540)
.080 (2.032)
Package Information – "F20" – CQFP 200 Leads
1.464 (37.186) SQ
1.436 (36.474) SQ
1.230 (31.242)
1.220 (30.988)
49 Spaces at .025
(49 Spaces at .635)
151
200
1
51
50
100
101
150
Pin 1 Chamfer
1.664 (42.266)
1.596 (40.538)
.045 (1.143)
REF
.066 (1.676)
.054 (1.372)
.115 (2.921)
MAX
.1.290 (32.766) SQ
REF
Detail "A"
.035 (.889)
.025 (.635)
Pin Nomenclature
A0-A10
BA0-BA10
Address Inputs
A0-A10, BA0-BA10 Row Addresses
A0-A7, BA0-BA7 Column Addresses
A10, BA10 Automatic-Precharge Select
DQML1,2
DQMU1,2
Data/Input Mask Enables
A11,BA11
Bank Select
RAS1,RAS2
Row-Address Strobe
CAS1,CAS2
Column-Address Strobe
VCC
Power Supply
CKE1,CKE2
Clock Enable
VCCQ
Power Supply for Output Drivers
CLK1,CLK2
System Clock
VSS
Ground
CS1,CS2
Chip Select
VSSQ
Ground for Output Drivers
DQ0-DQ95
SDRAM Data Input/Output
WE1,WE2
Write Enable
Note: 1. All Dimensions in inches (Millimeters) MAX or Typical where noted.
MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com