Electronic Components Datasheet Search
  English  ▼

X  

CT1995 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # CT1995
Description  MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1995 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  CT1995 Datasheet HTML 1Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Aeroflex Circuit Technology
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
4
Additional Data Information Signals
At the same time as data transfers take place, a number of information signals are made available to the subsystem.
These are INCMD, the subaddress lines SA0-SA4, the word count lines WC0-WC4 and current word count lines
CWC0-CWC4. Use of these signals is optional.
INCMD will go active low while the RT is servicing a valid command for the RT. The subaddress, transmit/receive bit,
and word count from the command word are all made available to the subsystem as SA0-SA4, TX/RX and WC0-WC4
respectively. They may be sampled when INCMD goes low and will remain valid while INCMD is low.
The subaddress is intended to be used by the subsystem as an address pointer for the data block. Subaddress 0 and
31 are mode commands, and there can be no receive or transmit data blocks associated with these. (Any data word
associated with a mode command uses different handshaking operations. If the subsystem does not use all the
subaddresses available, then some of the subaddress lines may be ignored.
The TX/RX signal indicates the direction of data transfer across the RT - subsystem interface. Its use is described in
the previous section.
The word count tells the subsystem the number of words to expect to receive or transmit in a message, up to 32 words.
A word count of all 0s indicates a count of 32 words.
The current word count is set to 0 at the beginning of a new message and is incremented following each data word
transfer across the RT - subsystem interface. (It is clocked on the falling edge of the second IUSTB pulse in each word
transfer). It should be noted that there is no need for the subsystem to compare the word count and current word count
to validate the number of words in a message. This is done by the RT.
Subsystem Use of Status Bits and Mode Commands
General Description
Use of the status bits and the mode commands is one of the most confusing aspects of MIL-STD-1553B. This is
because much of their use is optional, and also because some involve only the RT while others involve both the RT and
the subsystem.
The CT1995 allows full use to be made of all the Status Bits, and also implements all the Mode Commands. External
programming of the Terminal Flag and Subsystem Flag Bits plus setting of the Message Error Bit on reception of an
illegal command when externally decoded is available. The subsystem is given the opportunity to make use of Status
Bits, and is only involved in Mode Commands which have a direct impact on the subsystem.
The mode commands in which the subsystem may be involved are Synchronize, Sychronize with data word, Transmit
Vector Word, Reset and Dynamic Bus Control Acceptance. The Status Bits to which the subsystem has access, or
control are Service Request, Busy, Dynamic Bus Control Acceptance, Terminal Flag, Subsystem Flag, and Message
Error Bit. Operation of each of these Mode Commands and of the Status Bits is described in the following sections.
All other Mode Commands are serviced internally by the RT. The Terminal Flag and Message Error Status Bits and BIT
Word contents are controlled by the RT; however the subsystem has the option to set the Message Error Bit and to
control the reset conditions for the Terminal Flag and Subsystem Flag Bits in the Status Word, and the Transmitter
Timeout, Subsystem Handshake, and Loop Test Fail Bits in the BIT Word.
Synchronize Mode Commands
Once the RT has validated the command word and checked for the correct address, the SYNC line is set low. The
signal WC4 will be set low for a Synchronize mode command (See Figure 16), and high for a Synchronize with data
word mode command (See Figure 15). In a Synchronize with data word mode command, SYNC remains low during the
time that the data word is received. Once the data word has been validated, it is passed to the subsystem on the
internal highway IH08-IH715 in two bytes using IUSTB as a strobe signal and H/L as the byte indicator (high byte first
followed by low byte). SYNC being low should be used on the enable to allow IUSTB to clock synchronize mode data to
the subsystem.
If the subsystem does not need to implement either of these mode commands, the SYNC signal can be ignored, since
the RT requires no response from the subsystem.
Transmit Vector Word Mode Command
Figure 14 illustrates the relevant signal timings for an RT receiving a valid Transmit Vector Word mode command. The
RT requests data by setting VECTEN low. The subsystem should use H/L to enable first the high byte and then the low
byte of the Vector word onto the internal highway IH08-IH715.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com