Electronic Components Datasheet Search
  English  ▼

X  

CT1995 Datasheet(PDF) 25 Page - Aeroflex Circuit Technology

Part # CT1995
Description  MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1995 Datasheet(HTML) 25 Page - Aeroflex Circuit Technology

Back Button CT1995 Datasheet HTML 17Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 18Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 19Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 20Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 21Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 22Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 23Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 24Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 25Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
Aeroflex Circuit Technology
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
25
Ordering Information
Model Number
Master Reset Time
Constant
Package
CT1995-20
2.7 ms
1.6" x 2.4" Ceramic Plug In
CT1995-20-2
2.7 ms
1.6" x 2.4" Ceramic Plug In
CT1995-20-3 1
200 µs
1.6" x 2.4" Ceramic Plug In
Note:
1. TTL and CMOS RT Address Thresholds. Refer to Recommended DC Operating Conditions, page 2.
C I RCU I T TE CHNOL OGY
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: (800) 843-1553
Specifications subject to change without notice
www.aeroflex.com
E-Mail: sales-act@aeroflex.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com