Electronic Components Datasheet Search
  English  ▼

X  

CT1995 Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # CT1995
Description  MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1995 Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button CT1995 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 9Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 10Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 11Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 12Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Aeroflex Circuit Technology
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
8
SA 0-4
SOURCE
Sub Address - These five lines are a label for the data being transferred. Valid
when INCMD is low.
CWC 0-4
SOURCE
Current Word Count - These five lines define which data word in the message
is currently being transferred.
SYNC
SOURCE
Synchronize - Goes low when a synchronize mode code is being serviced.
VECTEN/DWEN
SOURCE
Vector Word Enable/DataWord Enable - In the RT mode, this signal is
provided to enable the contents of the vector word latch (which is situated in
the subsystem) onto the ASIC’s internal highway. This signal, when in the Bus
Controller mode, is used to enable mode code data from the subsystem onto
the internal highway.
RESET
SOURCE
Reset - This line pulses low for 500ns on completion of the servicing of a valid
and legal mode command to reset remote terminal.
SSERR
SINK
Subsystem Error - By taking this line low, the subsystem can set the
Subsystem Flag in the Status Word.
BUSY
SINK
Busy - This signal should be driven low if the subsystem is not ready to
perform a data transfer to or from the ASIC.
SERVREQ
SINK
Service Request - This signal should be driven low to request an
asynchronous transfer and left low until the transfer has taken place.
INCLK
SOURCE
Internal Clock (2 MHz) - This is made available for synchronization use by the
subsystem if required. However, many of the outputs to the subsystem are
asynchronous.
EOT
SOURCE
End of Transmission - Goes low if a valid sync plus two data bits do not
appear in time to be contiguous with preceding word.
RTADER
SOURCE
Remote Terminal Address Error - This line goes low if an error is detected in
the RT address parity of the selected receiver. Any receiver detecting an error
in the RT address will turn itself off.
HSFAIL
SOURCE
Handshake Failure - This line pulses low if the allowable time for DTAK
response has been exceeded during the ASIC/subsystem data transfer
handshaking.
LSTCMD/CWEN
SOURCE
Last Command/Command Word Enable - This line pulses low when
servicing a valid and legal mode command to transmit last command. When in
RT mode this line must not be used to enable data from the subsystem. This
line also pulses low, when in the Bus Control mode, when a command word is
required for transmission.
STATEN/
STATSTB
SOURCE
Status Enable/Status Strobe - This line pulses low to enable the status word
onto the internal highway for transmission. When in RT mode this line must not
be used to enable data from the subsystem. This line also pulses high, when in
the Bus Control mode, to strobe received status words into the subsystem.
When PASMON is true this line pulses high for Command and Status words.
BITEN/
RMDSTB
SOURCE
Built In Test Enable/Receive Mode Data Strobe - This line pulses low when
servicing a valid and legal mode command to transmit the internal BIT word.
This signal is for information only and must not be used to enable data from the
subsystem. This line also pulses high when in the Bus Control mode when
mode data is received to be passed to the subsystem and when data is passed
to the subsystem during PASMON.
Pin Description (Cont.)
Signal
Hybrid
Sink or Source
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com