Electronic Components Datasheet Search
  English  ▼

X  

CT1995 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # CT1995
Description  MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1995 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  CT1995 Datasheet HTML 1Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 6Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 7Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 8Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Aeroflex Circuit Technology
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
2
Absolute Maximum Ratings
Parameter
Range
Units
Supply Voltage (VDD)
-0.3 to +7.0
V
Input or Output Voltage at any Pad
-0.3 to (VDD + 0.3)
V
Storage Case Temperature
-65 to +150
°C
Recommended DC Operating Conditions
Parameter
Min
Typ
Max
Unit
Notes
Vcc Power Supply Voltage Vcc
4.5
5.0
5.5
V-
VIH High Level Input Voltage, Vcc = 5V
2.2
-
-
V
1,2,5
VIL Low Level Input Voltage, Vcc = 5V
-
-
0.7
V
1,2,5
MRTC Internal Master Reset Time Constant
CT1995-20
CT1995-20-2
CT1995-20-3
2.43
2.43
180
-
-
-
2.97
2.97
220
ms
ms
µs
-
Electrical Characteristics
(TA = -55
°C to +125°C)
Parameter
Test Conditions
Min
Max
Unit
Notes
VOH High Level Output Voltage
Vcc = 4.5V
2.4
V
4
VOL Low Level Output Voltage
Vcc = 4.5V
0.4
V
4
IIH High Level Input Current
Vcc = 5.5V, VIN = 2.4V
-200
-25
-700
-400
µA
µA
2
3
IIL Low Level Input Current
Vcc = 5.5V, VIN = 0.4V
-400
-25
-900
-400
µA
µA
2
3
ICC Supply Current
Vcc = 5.5V
20
mA
4
Notes:
1. RTAD 0/1/2/3/4 and RTADPAR ONLY.
2. ALL Inputs and Bidirectionals other than those in Note 1.
3. lOL max = 3mA / lOH max = -2mA TX INHIBIT 0/1 and TX DATA/DATA ONLY. IOL max = 2mA / lOH max = -1 mA. ALL
remaining Outputs and Bidirectionals.
4. Input Clock (running) = 6Mhz, ALL remaining Inputs are Open and ALL Outputs and Bidirectionals have no load.
5. -20-3 only. RTAD0,1,3 and RTADPAR Input Threshold equals 1/2 Vcc ±5%.
Clock Requirements
Frequency
6.0 MHz
Stability -55°C to +125°C
±0.01% (100ppm)
Maximum Asymmetry
48 - 52%
Rise/Fall Time
10ns MAX
Output Level
Logic "0" 0.4V MAX
Logic "1" 2.4V MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com