Electronic Components Datasheet Search
  English  ▼

X  

AW3231 Datasheet(PDF) 7 Page - Seoul Semiconductor

Part # AW3231
Description  Binning and Labeling Connect directly in AC Power Saving Long Life Time
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AW3231 Datasheet(HTML) 7 Page - Seoul Semiconductor

Back Button AW3231 Datasheet HTML 3Page - Seoul Semiconductor AW3231 Datasheet HTML 4Page - Seoul Semiconductor AW3231 Datasheet HTML 5Page - Seoul Semiconductor AW3231 Datasheet HTML 6Page - Seoul Semiconductor AW3231 Datasheet HTML 7Page - Seoul Semiconductor AW3231 Datasheet HTML 8Page - Seoul Semiconductor AW3231 Datasheet HTML 9Page - Seoul Semiconductor AW3231 Datasheet HTML 10Page - Seoul Semiconductor AW3231 Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Rev. 05
Rev. 05
August 2012
August 2012
www.ACRICH.com
www.ACRICH.com
7
Document No. : SSC-QP-7-07-24 (Rev.00)
- Pure white binning structure graphical representation
0.28
0.30
0.32
0.34
0.36
0.28
0.30
0.32
0.34
0.36
0.38
0.40
CIE x
4700K
5000K
5300K
5600K
6000K
6500K
7000K
7600K
8200K
A5
A3
A1
A9
A6
A4
A2
A0
A8
A7
C8
C9
C0
C1
C2
C3
C4
C5
C6
C7
B8
B9
B0
B1
B2
B3
B4
B5
B6
B7
Z1
Z2
Z3
Z4
Z5
Z6
Z7
Z8
Z9
Energy Star Rank
Energy Star Rank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com