Electronic Components Datasheet Search
  English  ▼

X  

AW3231 Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # AW3231
Description  Binning and Labeling Connect directly in AC Power Saving Long Life Time
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AW3231 Datasheet(HTML) 5 Page - Seoul Semiconductor

  AW3231 Datasheet HTML 1Page - Seoul Semiconductor AW3231 Datasheet HTML 2Page - Seoul Semiconductor AW3231 Datasheet HTML 3Page - Seoul Semiconductor AW3231 Datasheet HTML 4Page - Seoul Semiconductor AW3231 Datasheet HTML 5Page - Seoul Semiconductor AW3231 Datasheet HTML 6Page - Seoul Semiconductor AW3231 Datasheet HTML 7Page - Seoul Semiconductor AW3231 Datasheet HTML 8Page - Seoul Semiconductor AW3231 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Rev. 05
Rev. 05
August 2012
August 2012
www.ACRICH.com
www.ACRICH.com
5
Document No. : SSC-QP-7-07-24 (Rev.00)
1. Luminous Flux Bins
- Luminous flux bin structure for pure white, warm white
The list explains the photometric luminous flux bins for Acriche aeries. Acriche series
are tested and binned by photometric luminous flux. Not all bins are available in all
colors.
Tolerance : ±10% of Luminous flux value
V2
V1
118.5 ~ 136.0
V
136.0 ~ 154.0
200.0 ~ 230.0
X1
X
154.0 ~ 177.0
W1
W
260.0 ~ 340.0
Y
340.0 ~ 440.0
Z
177.0 ~ 200.0
W2
230.0 ~ 260.0
X2
54.0 ~ 70.0
S
70.0 ~ 91.0
T
91.0 ~ 118.5
U
Luminous Flux [lm]
Bin Code
Code Labeling
Example
BIN CODE :
X2B0C
Luminous Flux bin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com