Electronic Components Datasheet Search
  English  ▼

X  

AW3231 Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # AW3231
Description  Binning and Labeling Connect directly in AC Power Saving Long Life Time
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AW3231 Datasheet(HTML) 8 Page - Seoul Semiconductor

Back Button AW3231 Datasheet HTML 4Page - Seoul Semiconductor AW3231 Datasheet HTML 5Page - Seoul Semiconductor AW3231 Datasheet HTML 6Page - Seoul Semiconductor AW3231 Datasheet HTML 7Page - Seoul Semiconductor AW3231 Datasheet HTML 8Page - Seoul Semiconductor AW3231 Datasheet HTML 9Page - Seoul Semiconductor AW3231 Datasheet HTML 10Page - Seoul Semiconductor AW3231 Datasheet HTML 11Page - Seoul Semiconductor AW3231 Datasheet HTML 12Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Rev. 05
Rev. 05
August 2012
August 2012
www.ACRICH.com
www.ACRICH.com
8
Document No. : SSC-QP-7-07-24 (Rev.00)
3. Warm White CIE
Warm white product tested and binned by x,y coordinates and CCT
- A3 Warm white bin structure
Tolerance
Color coordinate : ± 0.005
CCT : ±5% of value
Bin
Bin
Bin
Bin
CHR_X
CHR_X
CHR_X
CHR_X
CHR_Y
CHR_Y
CHR_Y
CHR_Y
CCT(K)
CCT(K)
CCT(K)
CCT(K)
Bin
Bin
Bin
Bin
CHR_X
CHR_X
CHR_X
CHR_X
CHR_Y
CHR_Y
CHR_Y
CHR_Y
CCT(K)
CCT(K)
CCT(K)
CCT(K)
Bin
Bin
Bin
Bin
CHR_X
CHR_X
CHR_X
CHR_X
CHR_Y
CHR_Y
CHR_Y
CHR_Y
CCT(K)
CCT(K)
CCT(K)
CCT(K)
0.4037
0.414
0.4354
0.4288
0.4619
0.4378
0.3996
0.4015
0.4299
0.4165
0.4562
0.426
0.4146
0.4089
0.443
0.4212
0.4687
0.4289
0.4197
0.4217
0.4487
0.4333
0.4747
0.441
0.3996
0.4015
0.4299
0.4165
0.4562
0.426
0.396
0.3907
0.4248
0.4048
0.4499
0.4138
0.4104
0.3978
0.4374
0.4093
0.462
0.4166
0.4146
0.4089
0.443
0.4212
0.4687
0.4289
0.396
0.3907
0.4248
0.4048
0.4499
0.4138
0.3925
0.3798
0.4198
0.3931
0.4436
0.4015
0.4062
0.3865
0.4317
0.3973
0.4551
0.4042
0.4104
0.3978
0.4374
0.4093
0.462
0.4166
0.3925
0.3798
0.4198
0.3931
0.4436
0.4015
0.3889
0.369
0.4147
0.3814
0.4373
0.3893
0.4017
0.3751
0.4259
0.3853
0.4483
0.3919
0.4062
0.3865
0.4317
0.3973
0.4551
0.4042
0.3889
0.369
0.4147
0.3814
0.4373
0.3893
0.386
0.36
0.4102
0.371
0.4312
0.3778
0.3983
0.366
0.4207
0.3744
0.4422
0.3805
0.4017
0.3751
0.4259
0.3853
0.4483
0.3919
0.4197
0.4217
0.4487
0.4333
0.4747
0.441
0.4146
0.4089
0.443
0.4212
0.4687
0.4289
0.4299
0.4165
0.4562
0.426
0.481
0.4319
0.4354
0.4288
0.4619
0.4378
0.4875
0.4435
0.4146
0.4089
0.443
0.4212
0.4687
0.4289
0.4104
0.3978
0.4374
0.4093
0.462
0.4166
0.4248
0.4048
0.4499
0.4138
0.474
0.4194
0.4299
0.4165
0.4562
0.426
0.481
0.4319
0.4104
0.3978
0.4374
0.4093
0.462
0.4166
0.4062
0.3865
0.4317
0.3973
0.4551
0.4042
0.4198
0.3931
0.4436
0.4015
0.4666
0.4069
0.4248
0.4048
0.4499
0.4138
0.474
0.4194
0.4062
0.3865
0.4317
0.3973
0.4551
0.4042
0.4017
0.3751
0.4259
0.3853
0.4483
0.3919
0.4147
0.3814
0.4373
0.3893
0.4593
0.3944
0.4198
0.3931
0.4436
0.4015
0.4666
0.4069
0.4017
0.3751
0.4259
0.3853
0.4483
0.3919
0.3983
0.366
0.4207
0.3744
0.4422
0.3805
0.4104
0.3715
0.4312
0.3778
0.4527
0.383
0.4147
0.3814
0.4373
0.3893
0.4593
0.3944
H5
2700~
2600K
H7
2700~
2600K
H1
2700~
2600K
H3
2700~
2600K
H6
2900~
2700K
H9
2700~
2600K
H2
2900~
2700K
H4
2900~
2700K
H8
2900~
2700K
H0
2900~
2700K
3000~
2900K
3000~
2900K
3000~
2900K
3000~
2900K
3200~
3000K
3200~
3000K
3200~
3000K
3200~
3000K
3500~
3200K
F7
F5
3500~
3200K
G3
G5
G0
G2
G4
G6
F6
F9
F1
G9
G1
3500~
3200K
3500~
3200K
3700~
3500K
F2
3700~
3500K
3700~
3500K
F4
3700~
3500K
F8
3700~
3500K
3000~
2900K
G7
F3
3500~
3200K
G8
3200~
3000K
F0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com