Electronic Components Datasheet Search
  English  ▼

X  

AW3231 Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # AW3231
Description  Binning and Labeling Connect directly in AC Power Saving Long Life Time
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AW3231 Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button AW3231 Datasheet HTML 2Page - Seoul Semiconductor AW3231 Datasheet HTML 3Page - Seoul Semiconductor AW3231 Datasheet HTML 4Page - Seoul Semiconductor AW3231 Datasheet HTML 5Page - Seoul Semiconductor AW3231 Datasheet HTML 6Page - Seoul Semiconductor AW3231 Datasheet HTML 7Page - Seoul Semiconductor AW3231 Datasheet HTML 8Page - Seoul Semiconductor AW3231 Datasheet HTML 9Page - Seoul Semiconductor AW3231 Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Rev. 05
Rev. 05
August 2012
August 2012
www.ACRICH.com
www.ACRICH.com
6
Document No. : SSC-QP-7-07-24 (Rev.00)
Tolerance
Color coordinate : ± 0.005
CCT : ±5% of value
Bin
Bin
Bin
Bin
CHR_X
CHR_X
CHR_X
CHR_X
CHR_Y
CHR_Y
CHR_Y
CHR_Y CCT(K)
CCT(K)
CCT(K)
CCT(K) Bin
Bin
Bin
Bin CHR_X
CHR_X
CHR_X
CHR_X
CHR_Y
CHR_Y
CHR_Y
CHR_Y CCT(K)
CCT(K)
CCT(K)
CCT(K) Bin
Bin
Bin
Bin CHR_X
CHR_X
CHR_X
CHR_X
CHR_Y
CHR_Y
CHR_Y
CHR_Y
CCT(K)
CCT(K)
CCT(K)
CCT(K) Bin
Bin
Bin
Bin
CHR_X
CHR_X
CHR_X
CHR_X
CHR_Y
CHR_Y
CHR_Y
CHR_Y CCT(K)
CCT(K)
CCT(K)
CCT(K)
0.2910
0.3093
0.3028
0.3304
0.3200
0.3572
0.3381
0.3740
0.2930
0.3037
0.3041
0.3240
0.3207
0.3462
0.3470
0.3810
0.2993
0.3107
0.3126
0.3324
0.3292
0.3539
0.3463
0.3687
0.2976
0.3166
0.3115
0.3393
0.3290
0.3656
0.3376
0.3616
0.2930
0.3037
0.3041
0.3240
0.3207
0.3462
0.3376
0.3616
0.2950
0.2980
0.3055
0.3177
0.3212
0.3389
0.3373
0.3534
0.3009
0.3047
0.3136
0.3256
0.3293
0.3461
0.3456
0.3601
0.2993
0.3107
0.3126
0.3324
0.3292
0.3539
0.3463
0.3687
0.2950
0.2980
0.3055
0.3177
0.3212
0.3389
0.3373
0.3534
0.2969
0.2919
0.3068
0.3113
0.3217
0.3316
0.3369
0.3451
0.3025
0.2985
0.3146
0.3187
0.3293
0.3384
0.3448
0.3514
0.3009
0.3047
0.3136
0.3256
0.3293
0.3461
0.3456
0.3601
0.2969
0.2919
0.3068
0.3113
0.3217
0.3316
0.3369
0.3451
0.2988
0.2860
0.3082
0.3046
0.3222
0.3243
0.3366
0.3369
0.3042
0.2922
0.3155
0.3120
0.3294
0.3306
0.3440
0.3428
0.3025
0.2985
0.3146
0.3187
0.3293
0.3384
0.3448
0.3514
0.2959
0.3227
0.3082
0.3046
0.3222
0.3243
0.3366
0.3369
0.2976
0.3166
0.3096
0.2980
0.3226
0.3178
0.3364
0.3288
0.3041
0.3240
0.3164
0.3046
0.3295
0.3234
0.3433
0.3345
0.3028
0.3304
0.3155
0.3120
0.3294
0.3306
0.3440
0.3428
0.2976
0.3166
0.3115
0.3393
0.3290
0.3656
0.3470
0.3810
0.2993
0.3107
0.3126
0.3324
0.3292
0.3539
0.3572
0.3891
0.3055
0.3177
0.3210
0.3408
0.3376
0.3616
0.3552
0.3760
0.3041
0.3240
0.3205
0.3481
0.3381
0.3740
0.3463
0.3687
0.2993
0.3107
0.3126
0.3324
0.3292
0.3539
0.3463
0.3687
0.3009
0.3047
0.3136
0.3256
0.3293
0.3461
0.3456
0.3601
0.3068
0.3113
0.3216
0.3334
0.3373
0.3534
0.3539
0.3669
0.3055
0.3177
0.3210
0.3408
0.3376
0.3616
0.3552
0.3760
0.3009
0.3047
0.3136
0.3256
0.3293
0.3461
0.3456
0.3601
0.3025
0.2985
0.3146
0.3187
0.3293
0.3384
0.3448
0.3514
0.3082
0.3046
0.3221
0.3261
0.3369
0.3451
0.3526
0.3578
0.3068
0.3113
0.3216
0.3334
0.3373
0.3534
0.3539
0.3669
0.3025
0.2985
0.3146
0.3187
0.3293
0.3384
0.3448
0.3514
0.3042
0.2922
0.3155
0.3120
0.3294
0.3306
0.3440
0.3428
0.3096
0.2980
0.3225
0.3190
0.3366
0.3369
0.3514
0.3487
0.3082
0.3046
0.3221
0.3261
0.3369
0.3451
0.3526
0.3578
0.3155
0.3120
0.3294
0.3306
0.3440
0.3428
0.3164
0.3046
0.3295
0.3234
0.3433
0.3345
0.3230
0.3110
0.3364
0.3288
0.3500
0.3400
0.3225
0.3190
0.3366
0.3369
0.3514
0.3487
5000~
4700K
5600~
5300K
5300~
5000K
5300~
5000K
5300~
5000K
5300~
5000K
5300~
5000K
5000~
4700K
5000~
4700K
5000~
4700K
5000~
4700K
6500~
6000K
6000~
5600K
6000~
5600K
6000~
5600K
6000~
5600K
6000~
5600K
5600~
5300K
5600~
5300K
5600~
5300K
5600~
5300K
7000~
6500K
7000~
6500K
7000~
6500K
7000~
6500K
7000~
6500K
6500~
6000K
6500~
6000K
6500~
6000K
6500~
6000K
7600~
7000K
7600~
7000K
7600~
7000K
7600~
7000K
8200~
7600K
8200~
7600K
8200~
7600K
8200~
7600K
Z 6
Z 6
Z 6
Z 6
Z 1
Z 1
Z 1
Z 1
B6
B6
B6
B6
A8
A8
A8
A8
7600~
7000K
Z 7
Z 7
Z 7
Z 7
A5
A5
A5
A5
Z 5
Z 5
Z 5
Z 5
A3
A3
A3
A3
Z 9
Z 9
Z 9
Z 9
A7
A7
A7
A7
Z 2
Z 2
Z 2
Z 2
A0
A0
A0
A0
Z 4
Z 4
Z 4
Z 4
A2
A2
A2
A2
B8
B8
B8
B8
Z 8
Z 8
Z 8
Z 8
A6
A6
A6
A6
Z 3
Z 3
Z 3
Z 3
A1
A1
A1
A1
C8
C8
C8
C8
B0
B0
B0
B0
C0
C0
C0
C0
C2
C2
C2
C2
B4
B4
B4
B4
C4
C4
C4
C4
B2
B2
B2
B2
A4
A4
A4
A4
B1
B1
B1
B1
C1
C1
C1
C1
B9
B9
B9
B9
C9
C9
C9
C9
A9
A9
A9
A9
B7
B7
B7
B7
C7
C7
C7
C7
B3
B3
B3
B3
C3
C3
C3
C3
C6
C6
C6
C6
B5
B5
B5
B5
C5
C5
C5
C5
2. Pure White CIE
Pure white product tested and binned by x,y coordinates and CCT
- A3 Pure white bin structure
Example
BIN CODE : X2
A0C
Color bin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com