Electronic Components Datasheet Search
  English  ▼

X  

269 Datasheet(PDF) 3 Page - Agere Systems

Part # 269
Description  269-Type 1480 nm Pump Laser Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

269 Datasheet(HTML) 3 Page - Agere Systems

  269 Datasheet HTML 1Page - Agere Systems 269 Datasheet HTML 2Page - Agere Systems 269 Datasheet HTML 3Page - Agere Systems 269 Datasheet HTML 4Page - Agere Systems 269 Datasheet HTML 5Page - Agere Systems 269 Datasheet HTML 6Page - Agere Systems 269 Datasheet HTML 7Page - Agere Systems 269 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet
June 2001
269-Type 1480 nm Pump Laser Module
3
Agere Systems Inc.
Electrical/Optical Characteristics
Table 1. Electrical/Optical Characteristics (All performance parameters are specified for IF, OP, TSET = 25 °C,
TCASE ~ 25 °C, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Optical Power
PO
—
120
—
280
mW
Center Wavelength
λC
—
1465
1480
1490
nm
RMS Spectral Width
∆λ
PO
—
4
10
nm
BOL Operating Laser Forward Current:
PO = 120 mW
PO = 130 mW
PO = 140 mW
PO = 150 mW
IF, OP BOL
—
—
—
—
—
—
—
—
—
—
—
—
550
600
600
600
mA
mA
mA
mA
BOL Operating Laser Forward Current:
PO = 160 mW
PO = 170 mW
PO = 180 mW
PO = 190 mW
PO = 200 mW
IF, OP BOL
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
650
700
700
750
800
mA
mA
mA
mA
mA
BOL Operating Laser Forward Current:
PO = 210 mW
PO = 220 mW
PO = 230 mW
PO = 240 mW
PO = 250 mW
PO = 260 mW
PO = 270 mW
PO = 280 mW
IF, OP BOL
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
850
900
950
1000
1000
1100
1100
1100
mA
mA
mA
mA
mA
mA
mA
mA
EOL Operating Laser Forward Current
IF, OP EOL
——
—
1.15 x
IF, OP BOL
mA
EOL Laser Diode Forward Voltage
VR
IF, OP EOL
—
2.3
3.0
V
Module Optical Isolation
(optional feature)
ISO
EOL Over
TCASE RANGE
30
—
—
dB
Polarization Extinction Ratio
PER
—
13
—
—
dB
Table 2. Monitor Photodiode Characteristics (All test parameters are specified for IF, OP, TSET = 25 °C,
TCASE ~ 25 °C unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Max
Unit
Monitor Diode Current
IBF
—
200
2000
µA
Monitor Diode Dark Current
ID
VR = –5 V, IF = 0
—
100
nA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com