Electronic Components Datasheet Search
  English  ▼

X  

269 Datasheet(PDF) 7 Page - Agere Systems

Part # 269
Description  269-Type 1480 nm Pump Laser Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

269 Datasheet(HTML) 7 Page - Agere Systems

  269 Datasheet HTML 1Page - Agere Systems 269 Datasheet HTML 2Page - Agere Systems 269 Datasheet HTML 3Page - Agere Systems 269 Datasheet HTML 4Page - Agere Systems 269 Datasheet HTML 5Page - Agere Systems 269 Datasheet HTML 6Page - Agere Systems 269 Datasheet HTML 7Page - Agere Systems 269 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet
June 2001
269-Type 1480 nm Pump Laser Module
7
Agere Systems Inc.
Laser Safety Information
Class IIIb Laser Product
FDA/CDRH Class IIIb laser product. All versions are Class IIIb laser products per CDRH, 21 CFR 1040 Laser
Safety requirements. All versions are Class IIIb laser products per
IEC * 60825-1:1993. The device has been
classified with the FDA under accession number 8720010.
This product complies with 21 CFR 1040.10 and 1040.11.
8.8
µm/125 µm single-mode fiber pigtail (see Fiber Characteristics, page 5).
Wavelength = 1.48
µm.
Maximum power = 400 mW.
Because of size constraints, laser safety labeling (including an FDA Class IIIb label) is not affixed to the module but
attached to the outside of the shipping carton.
Product is not shipped with power supply.
Caution: Use of controls, adjustments, and procedures other than those specified herein may result in
hazardous laser radiation exposure.
*
IEC is a registered trademark of The International Electrotechnical Commission.
DANGER
INVISIBLE LASER RADIATION
IS EMITTED FROM THE END
OF FIBER OR CONNECTOR
Avoid direct exposure to beam
Do not view beam directly with
optical instruments
INVISIBLE LASER RADIATION EMITTED FROM END OF FIBER OR CONNECTOR
Avoid exposure to beam
Class 3B Laser Product IEC-60825M 1993 Max. Output: 400 mW
Wavelength: 1.48
µm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com