Electronic Components Datasheet Search
  English  ▼

X  

269 Datasheet(PDF) 6 Page - Agere Systems

Part # 269
Description  269-Type 1480 nm Pump Laser Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

269 Datasheet(HTML) 6 Page - Agere Systems

  269 Datasheet HTML 1Page - Agere Systems 269 Datasheet HTML 2Page - Agere Systems 269 Datasheet HTML 3Page - Agere Systems 269 Datasheet HTML 4Page - Agere Systems 269 Datasheet HTML 5Page - Agere Systems 269 Datasheet HTML 6Page - Agere Systems 269 Datasheet HTML 7Page - Agere Systems 269 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet
269-Type 1480 nm Pump Laser Module
June 2001
6
Agere Systems Inc.
Outline Diagram
Dimensions are in inches and (millimeters).
1-1065 (F)a
0.10 (0.25)
0.035
(0.91)
0.078
(1.98)
0.213 (5.40) TYP.
0.350
(8.89)
0.500
(12.70)
0.598
(15.19)
MAX.
1.025
(26.04)
0.020
(0.51)
0.100 (2.54) TYP.
TYP.
PIN 1
0.105 (2.667) DIA.
TYP. (4) PLACES
PIN 14
0.030 (0.76)
0.700
(17.78)
0.347
(8.8)
0.820
(20.83)
0.180
(4.57)
0.175
(4.45)
0.215
(5.46)
1.180
(29.97)
0.078
(1.99)
0.178
(4.52)
0.215 ± 0.10
(5.46 ± 2.54)
0.363
(9.23)
0.334 ± 0.005
(8.49 ± 0.005)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com