Electronic Components Datasheet Search
  English  ▼

X  

269 Datasheet(PDF) 4 Page - Agere Systems

Part # 269
Description  269-Type 1480 nm Pump Laser Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

269 Datasheet(HTML) 4 Page - Agere Systems

  269 Datasheet HTML 1Page - Agere Systems 269 Datasheet HTML 2Page - Agere Systems 269 Datasheet HTML 3Page - Agere Systems 269 Datasheet HTML 4Page - Agere Systems 269 Datasheet HTML 5Page - Agere Systems 269 Datasheet HTML 6Page - Agere Systems 269 Datasheet HTML 7Page - Agere Systems 269 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet
269-Type 1480 nm Pump Laser Module
June 2001
4
Agere Systems Inc.
Electrical/Optical Characteristics (continued)
Table 3. TEC and Thermistor Characteristics (All performance parameters are specified for IF, OP, TSET = 25 °C,
unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Max
Unit
TEC Current:
PO = 120 mW
PO = 130 mW
PO = 140 mW
PO = 150 mW
ITEC
TSET = 25 °C;
TCASE = 75 °C;
∆T = 50 °C, EOL
—
—
—
—
1.6
1.6
1.6
1.6
A
A
A
A
TEC Current:
PO = 160 mW
PO = 170 mW
PO = 180 mW
PO = 190 mW
PO = 200 mW
ITEC
TSET = 25 °C;
TCASE = 70 °C;
∆T = 45 °C, EOL
—
—
—
—
—
1.7
1.7
1.7
1.7
1.7
A
A
A
A
A
TEC Current:
PO = 210 mW
PO = 220 mW
PO = 230 mW
PO = 240 mW
PO = 250 mW
PO = 260 mW
PO = 270 mW
PO = 280 mW
ITEC
TSET = 25 °C;
TCASE = 65 °C;
∆T = 40 °C, EOL
—
—
—
—
—
—
—
—
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
A
A
A
A
A
A
A
A
TEC Voltage:
PO = 120 mW
PO = 130 mW
PO = 140 mW
PO = 150 mW
VTEC
TSET = 25 °C;
TCASE = 75 °C;
∆T = 50 °C, EOL
—
—
—
—
3.5
3.5
3.5
3.5
V
V
V
V
TEC Voltage:
PO = 160 mW
PO = 170 mW
PO = 180 mW
PO = 190 mW
PO = 200 mW
VTEC
TSET = 25 °C;
TCASE = 70 °C;
∆T = 45 °C, EOL
—
—
—
—
—
3.7
3.7
3.7
3.7
3.7
V
V
V
V
V
TEC Voltage:
PO = 210 mW
PO = 220 mW
PO = 230 mW
PO = 240 mW
PO = 250 mW
PO = 260 mW
PO = 270 mW
PO = 280 mW
VTEC
TSET = 25 °C;
TCASE = 65 °C;
∆T = 40 °C, EOL
—
—
—
—
—
—
—
—
4.2
4.2
4.2
4.2
4.2
4.2
4.2
4.2
V
V
V
V
V
V
V
V
Thermistor Resistance
RTHERM
25 °C Laser Diode
Set Temperature
9.5
10.5
k
Ω
Themistor B Constant
B
—
3700
4100
K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com