Electronic Components Datasheet Search
  English  ▼

X  

OR2C04A Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 21Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 22Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 23Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 24Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 25Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 26Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 27Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 28Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 192 page
background image
Lucent Technologies Inc.
25
Data Sheet
June 1999
ORCA Series 2 FPGAs
Programmable Input/Output Cells
The programmable input/output cells (PICs) are
located along the perimeter of the device. Each PIC
interfaces to four bond pads and contains the neces-
sary routing resources to provide an interface between
I/O pads and the PLCs. Each PIC is composed of input
buffers, output buffers, and routing resources as
described below. Table 6 provides an overview of the
programmable functions in an I/O cell. A is a simplified
diagram of the functionality of the OR2CxxA series I/O
cells, while B is a simplified functional diagram of the
OR2TxxA and OR2TxxB series I/O cells.
Table 6. Input/Output Cell Options
Inputs
Each I/O can be configured to be either an input, an
output, or bidirectional I/O. Inputs for the OR2CxxA can
be configured as either TTL or CMOS compatible. The
I/O for the OR2TxxA and OR2TxxB series devices are
5 V tolerant, and will be described in a later section of
this data sheet. Pull-up or pull-down resistors are avail-
able on inputs to minimize power consumption.
To allow zero hold time to PLC latches/FFs, the input
signal can be delayed. When enabled, this delay affects
the input signal driven to general routing, but does not
affect the clock input or the input lines that drive the
TRIDI buffers (used to drive onto XL, XH, BIDI, and
BIDIH lines).
A fast path from the input buffer to the clock lines is
also provided. Any one of the four I/O pads on any PIC
can be used to drive the clock line generated in that
PIC. This path cannot be delayed.
To reduce the time required to input a signal into the
FPGA, a dedicated path (PDIN) from the I/O pads to
the PFU flip-flops is provided. Like general input sig-
nals, this signal can be configured as normal or
delayed. The delayed direct input can be selected inde-
pendently from the delayed general input.
Inputs should have transition times of less than 500 ns
and should not be left floating. If an input can float, a
pull-up or pull-down should be enabled. Floating inputs
increase power consumption, produce oscillations, and
increase system noise. The OR2CxxA inputs have a
typical hysteresis of approximately 280 mV (200 mV for
the OR2TxxA and OR2TxxB) to reduce sensitivity to
input noise. The PIC contains input circuitry which pro-
vides protection against latch-up and electrostatic dis-
charge.
Input
Option
Input Levels
TTL/CMOS (OR2CxxA only)
5 V PCI compliant (OR2CxxA only)
3.3 V PCI compliant (OR2TxxA only)
3.3 V and 5 V PCI compliant
(OR2TxxB only)
Input Speed
Fast/Delayed
Float Value
Pull-up/Pull-down/None
Direct-in to FF
Fast/Delayed
Output
Option
Output Drive
12 mA/6 mA or 6 mA/3 mA
Output Speed
Fast/Slewlim/Sinklim
Output Source
FF Direct-out/General Routing
Output Sense
Active-high/-low
3-State Sense
Active-high/-low (3-state)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com