Electronic Components Datasheet Search
  English  ▼

X  

OR2C04A Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 26Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 27Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 28Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 29Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 30Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 31Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 32Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 33Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 192 page
background image
Data Sheet
ORCA Series 2 FPGAs
June 1999
30
Lucent Technologies Inc.
Programmable Input/Output Cells (continued)
5-2843(F).r8
Figure 26. PIC Architecture
DT
DT
DT
DT
PA
PB
PC
PD
PXL[1]
PXL[0]
PX2[2]
PX2[3]
PX2[0]
PX2[1]
PX1[0]
PX1[1]
PX1[2]
PX1[3]
PXH[1]
PXH[2]
PXH[3]
PXH[0]
B
A
C
D
FE
G
Q
PXL[0]
PXL[1]
PX2[0]
PX2[1]
PX2[2]
PX2[3]
PX1[0]
PX1[1]
PX1[2]
PX1[3]
PXH[1]
PXH[2]
PXH[3]
PXH[0]
B
A
C
D
PIC DETAIL
F
O
N
O
LLDRV
M
I
L
J
K
N
D
C
P
Q
M
P
P
PLC-PIC Routing Resources
There is no direct connection between the inter-PIC
lines and the PLC lines. All connections to/from the
PLC must be done through the connecting lines which
are perpendicular to the lines in the PIC. The use of
perpendicular and parallel lines will be clearer if the
PLC and PIC architectures (Figure 23 and Figure 26)
are placed side by side. Twenty-nine lines in the PLC
can be connected to the 15 lines in the PIC.
Multiple connections between the PIC PX1 lines and
the PLC X1 lines are available. These allow buses
placed in any arbitrary order on the I/O pads to be
unscrambled when placed on the PLC X1 lines. Con-
nections are also available between the PIC PX2 lines
and the PLC X1 lines.
There are eight tridirectional (four TRIDI/four TRIDIH)
buffers in each PIC; they can do the following:
s
Drive a signal from an I/O pad onto one of the adja-
cent PLC’s XL or XH lines
s
Drive a signal from an I/O pad onto one of the two
PXL or four PXH lines in the PIC
s
Drive a signal from the PLC XL or XH lines onto one
of the two PXL or four PXH lines in the PIC
s
Drive a signal from the PIC PXL or PXH lines onto
one of the PLC XL or XH lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com