Electronic Components Datasheet Search
  English  ▼

X  

OR2C04A Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 46Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 47Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 48Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 49Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 50Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 51Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 52Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 53Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 192 page
background image
50
Lucent Technologies Inc.
Data Sheet
ORCA Series 2 FPGAs
June 1999
FPGA Configuration Modes (continued)
Slave Serial Mode
The slave serial mode is primarily used when multiple
FPGAs are configured in a daisy chain. The serial
slave serial mode is also used on the FPGA evaluation
board which interfaces to the download cable. A device
in the slave serial mode can be used as the lead device
in a daisy chain. Figure 44 shows the connections for
the slave serial configuration mode.
The configuration data is provided into the FPGA’s DIN
input synchronous with the configuration clock CCLK
input. After the FPGA has loaded its configuration data,
it retransmits the incoming configuration data on
DOUT. CCLK is routed into all slave serial mode
devices in parallel.
Multiple slave FPGAs can be loaded with identical con-
figurations simultaneously. This is done by loading the
configuration data into the DIN inputs in parallel.
5-4485(F)
Figure 44. Slave Serial Configuration Schematic
Slave Parallel Mode
The slave parallel mode is essentially the same as the
slave serial mode except that 8 bits of data are input on
pins D[7:0] for each CCLK cycle. Due to 8 bits of data
being input per CCLK cycle, the DOUT pin does not
contain a valid bit stream for slave parallel mode. As a
result, the lead device cannot be used in the slave
parallel mode in a daisy-chain configuration.
Figure 45 is a schematic of the connections for the
slave parallel configuration mode. WR and CS0 are
active-low chip select signals, and CS1 is an active-
high chip select signal. These chip selects allow the
user to configure multiple FPGAs in slave parallel
mode using an 8-bit data bus common to all of the
FPGAs. These chip selects can then be used to select
the FPGA(s) to be configured with a given bit stream,
but once an FPGA has been selected, it cannot be
deselected until it has been completely programmed.
5-4487(F)
Figure 45. Slave Parallel Configuration Schematic
MICRO-
PROCESSOR
OR
DOWNLOAD
CABLE
M2
M1
M0
HDC
SERIES
FPGA
LDC
VDD
CCLK
PRGM
DOUT
TO DAISY-
CHAINED
DEVICES
DONE
DIN
INIT
ORCA
MICRO-
PROCESSOR
OR
SYSTEM
D[7:0]
DONE
CCLK
CS1
M2
M1
M0
HDC
LDC
8
VDD
INIT
PRGM
CS0
WR
SERIES
FPGA
ORCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com