Electronic Components Datasheet Search
  English  ▼

X  

OR2C04A Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # OR2C04A
Description  Field-Programmable Gate Arrays
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C04A Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button OR2C04A Datasheet HTML 62Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 63Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 64Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 65Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 66Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 67Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 68Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 69Page - List of Unclassifed Manufacturers OR2C04A Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 192 page
background image
Data Sheet
ORCA Series 2 FPGAs
June 1999
66
Lucent Technologies Inc.
Pin Information
Pin Descriptions
This section describes the pins found on the Series 2 FPGAs. Any pin not described in this table is a user-program-
mable I/O. During configuration, the user-programmable I/Os are 3-stated with an internal pull-up resistor enabled.
Table 17. Pin Descriptions
Symbol
I/O
Description
Dedicated Pins
VDD
—
Positive power supply.
GND
—
Ground supply.
I/O-VDD5
—
5 V tolerant select. (For 2TxxA only.) All VDD5 pins must be tied to either the 5 V power
supply if 5 V tolerant I/O buffers are to be used, or to the 3.3 V power supply (VDD) if
they are not. For 2CxxA and 2TxxB devices, these pins are user-programmable I/Os.
RESET
I
During configuration, RESET forces the restart of configuration and a pull-up is
enabled. After configuration, RESET can be used as a general FPGA input or as a
direct input, which causes all PLC latches/FFs to be asynchronously set/reset.
CCLK
I
In the master and asynchronous peripheral modes, CCLK is an output which strobes
configuration data in. In the slave or synchronous peripheral mode, CCLK is input syn-
chronous with the data on DIN or D[7:0].
DONE
I/O
DONE is a bidirectional pin with an optional pull-up resistor. As an active-high, open-
drain output, a high-level on this signal indicates that configuration is complete. As an
input, a low level on DONE delays FPGA start-up after configuration*.
PRGM
IPRGM is an active-low input that forces the restart of configuration and resets the
boundary-scan circuitry. This pin always has an active pull-up.
RD_CFG
I
This pin must be held high during device initialization until the INIT pin goes high.
This pin always has an active pullup.
During configuration, RD_CFG is an active-low input that activates the TS_ALL function
and 3-states all of the I/O.
After configuration, RD_CFG can be selected (via a bit stream option) to activate the
TS_ALL function as described above, or, if readback is enabled via a bit stream option,
a high-to-low transition on RD_CFG will initiate readback of the configuration data,
including PFU output states, starting with frame address 0.
RD_DATA/TDO
O
RD_DATA/TDO is a dual-function pin. If used for readback, RD_DATA provides configu-
ration data out. If used in boundary scan, TDO is test data out.
Special-Purpose Pins (Become User I/O After Configuration)
RDY/RCLK
O
During configuration in peripheral mode, RDY indicates another byte can be written to
the FPGA. If a read operation is done when the device is selected, the same status is
also available on D7 in asynchronous peripheral mode. After configuration, the pin is a
user-programmable I/O*.
During the master parallel configuration mode RCLK, which is a read output signal to an
external memory. This output is not normally used. After configuration, this pin is a user-
programmable I/O pin*.
DIN
I
During slave serial or master serial configuration modes, DIN accepts serial configura-
tion data synchronous with CCLK. During parallel configuration modes, DIN is the D0
input. During configuration, a pull-up is enabled, and after configuration, this pin is a
user-programmable I/O pin*.
* The FPGA States of Operation section contains more information on how to control these signals during start-up. The timing of DONE
release is controlled by one set of bit stream options, and the timing of the simultaneous release of all other configuration pins (and the acti-
vation of all user I/Os) is controlled by a second set of options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com