Electronic Components Datasheet Search
  English  ▼

X  

OR3LP26B Datasheet(PDF) 179 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 179 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 175Page - Agere Systems OR3LP26B Datasheet HTML 176Page - Agere Systems OR3LP26B Datasheet HTML 177Page - Agere Systems OR3LP26B Datasheet HTML 178Page - Agere Systems OR3LP26B Datasheet HTML 179Page - Agere Systems OR3LP26B Datasheet HTML 180Page - Agere Systems OR3LP26B Datasheet HTML 181Page - Agere Systems OR3LP26B Datasheet HTML 182Page - Agere Systems OR3LP26B Datasheet HTML 183Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 184 page
background image
Lucent Technologies Inc.
179
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
Package Thermal Characteristics Summary (continued)
Table 71
. ORCA OR3LP26B Plastic Package Thermal Guidelines
* Mounted on a four-layer JEDEC standard test board with two power/ground planes.
† With thermal balls connected to board ground plane.
‡ The value of
ψJC for all packages is <1 °C/W.
Package Coplanarity
The coplanarity limits of the
ORCA Series 3 packages are as follows.
Table 72. Package Coplanarity
Package*
ΘJA (°C/W)
TA = 70 °C Max
TJ = 125 °C Max
0 fpm (W)
0 fpm
200 fpm
500 fpm
352-Pin PBGA† ‡
19.0
16.0
15.0
2.9
680-Pin PBGAM† ‡
14.5
TBD
TBD
3.8
Package Type
Coplanarity Limit
(mils)
PBGA
8.0
PBGAM
8.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com