Electronic Components Datasheet Search
  English  ▼

X  

T8301 Datasheet(PDF) 13 Page - Agere Systems

Part # T8301
Description  T8301 Internet Protocol Telephone Phone-On-A-Chip??IP Solution DSP
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8301 Datasheet(HTML) 13 Page - Agere Systems

Back Button T8301 Datasheet HTML 9Page - Agere Systems T8301 Datasheet HTML 10Page - Agere Systems T8301 Datasheet HTML 11Page - Agere Systems T8301 Datasheet HTML 12Page - Agere Systems T8301 Datasheet HTML 13Page - Agere Systems T8301 Datasheet HTML 14Page - Agere Systems T8301 Datasheet HTML 15Page - Agere Systems T8301 Datasheet HTML 16Page - Agere Systems T8301 Datasheet HTML 17Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 190 page
background image
Lucent Technologies Inc.
13
Advance Data Sheet
December 2000
Phone-On-A-Chip IP Solution DSP
T8301 Internet Protocol Telephone
4 DSP1600 Core (continued)
Table 4. T8301 Instruction/Coefficient Memory Map
Address
X MAP1
X MAP3
Address
Y MAP
0x0000
0x0000
0x0800
Dual-port RAM 6K
0x0800
Dual-port RAM 6K
0x1000
(DPRAM)
0x1000
(DPRAM)
0x1800
0x1800
0x2000
Internal ROM 32K
0x2000
0x2800
(IROM)
Reserved 10K
0x2800
Reserved 10K
0x3000
0x3000
0x3800
0x3800
0x4000
(Instructions
0x4000
I/O and ERAMLO (See Table 5.)
0x4800
and constants)
0x4800
ERAMLO (See Table 5.)
0x5000
0x5000
0x5800
0x5800
ERAMLO External chip select
0x6000
Internal ROM 32K
0x6000
X_CSN (external SRAM) 12K
0x6800
(IROM)
0x6800
0x7000
0x7000
0x7800
0x7800
0x8000
(Instructions
0x8000
0x8800
and constants)
0x8800
0x9000
Internal SRAM 16K
0x9000
Internal SRAM 16K
0x9800
(ISRAM)
0x9800
(1K—16K block mirrored)
0xA000
0xA000
(ISRAM)
0xA800
0xA800
0xB000
0xB000
0xB800
0xB800
0xC000
0xC000
0xC800
Dual-port RAM 6K
0xC800
0xD000
(DPRAM)
Internal SRAM 16K
0xD000
Internal SRAM 16K
0xD800
(ISRAM)
0xD800
(1K—16K block mirrored)
0xE000
0xE000
(ISRAM)
0xE800
Reserved 10K
0xE800
0xF000
0xF000
0xF800
0xF800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com