Electronic Components Datasheet Search
  English  ▼

X  

T8301 Datasheet(PDF) 20 Page - Agere Systems

Part # T8301
Description  T8301 Internet Protocol Telephone Phone-On-A-Chip??IP Solution DSP
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8301 Datasheet(HTML) 20 Page - Agere Systems

Back Button T8301 Datasheet HTML 16Page - Agere Systems T8301 Datasheet HTML 17Page - Agere Systems T8301 Datasheet HTML 18Page - Agere Systems T8301 Datasheet HTML 19Page - Agere Systems T8301 Datasheet HTML 20Page - Agere Systems T8301 Datasheet HTML 21Page - Agere Systems T8301 Datasheet HTML 22Page - Agere Systems T8301 Datasheet HTML 23Page - Agere Systems T8301 Datasheet HTML 24Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 190 page
background image
20
Lucent Technologies Inc.
Phone-On-A-Chip IP Solution DSP
T8301 Internet Protocol Telephone
Advance Data Sheet
December 2000
5 Audio Input/Output Circuitry (continued)
5.5 Audio Codec Block
The T8301 contains a 16-bit analog-to-digital converter and two 16-bit digital-to-audio converters. These convert-
ers each contain appropriate antialiasing or smoothing filters. A block diagram of the audio codec block is shown
below.
.
5-8212 (F)
Figure 5. Audio Codec Block Diagram
2,087
02
727.3
3B
440.4
F6
315.8
A3
247.4
F7
203.4
7D
2,000
01
716.4
9D
436.4
7B
313.7
D1
246.2
FB
202.5
3E
1,920
80
705.9
4E
432.4
BD
311.7
68
244.9
FD
201.7
9F
1,846
40
695.7
27
428.6
5E
309.7
B4
243.7
7E
200.8
4F
1,778
20
685.7
13
424.8
AF
307.7
5A
242.4
BF
200.0
A7
1,714
10
676.1
09
421.1
D7
305.7
2D
241.2
5F
199.2
53
1,655
88
666.7
04
417.4
EB
303.8
96
240.0
2F
198.3
29
1,600
C4
657.5
82
413.8
75
301.9
4B
238.8
97
197.5
14
1,548
E2
648.6
41
410.3
BA
300.0
25
237.6
CB
196.7
0A
1,500
71
640.0
A0
406.8
5D
298.1
12
236.5
65
195.9
85
1,455
38
631.6
50
403.4
2E
296.3
89
235.3
32
195.1
42
1,412
1C
623.4
A8
400.0
17
294.5
44
234.1
99
194.3
21
1,371
8E
615.4
D4
396.7
8B
292.7
A2
233.0
CC
193.5
90
1,333
47
607.6
6A
393.4
45
290.9
51
231.9
66
192.8
C8
1,297
23
600.0
B5
390.2
22
289.2
28
230.8
B3
192.0
E4
1,263
91
592.6
DA
387.1
11
287.4
94
229.7
59
191.2
F2
1,231
48
585.4
6D
384.0
08
285.7
4A
228.6
AC
190.5
F9
1,200
A4
578.3
B6
380.9
84
284.0
A5
227.5
56
189.7
FC
1,171
D2
571.4
5B
377.9
C2
282.4
52
226.4
2B
189.0
FE
1,143
E9
564.7
AD
375.0
61
280.7
A9
225.4
15
188.2
FF
1,116
74
558.2
D6
372.1
B0
279.1
54
224.3
8A
—
—
1,091
3A
551.7
6B
369.2
D8
—
—
————
Table 10. Tone Ringer Frequency Encoding (continued)
Tone Ringer Frequency Encoding
Hz
Hex
Hz
Hex
Hz
Hex
Hz
Hex
Hz
Hex
Hz
Hex
SDM
x 16
RCV
INTRP
x 4
RCV
LPF
x 2
SDM
x 16
RCV
INTRP
x 4
RCV
LPF
x 2
1 Mbit/s
64 kS/s
16 kS/s
8 kS/s
SINC3
DECM
/ 64
XMT
BPF
/ 2
1 Mbit/s
16 kS/s
8 kS/s
16
FROM
TO
FROM
DAC
16-bit
DAC
16-bit
ADC
16-bit
LOW-PASS
RC FILTER
LOW-PASS
RC FILTER
LOW-PASS
RC FILTER
TO SPEAKER DRIVER
TO HANDSET OUTPUT
FROM AIN MUX
OR
SPEAKER DRIVER 2
DMAS
DMAH
DMAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com