Electronic Components Datasheet Search
  English  ▼

X  

T8301 Datasheet(PDF) 21 Page - Agere Systems

Part # T8301
Description  T8301 Internet Protocol Telephone Phone-On-A-Chip??IP Solution DSP
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8301 Datasheet(HTML) 21 Page - Agere Systems

Back Button T8301 Datasheet HTML 17Page - Agere Systems T8301 Datasheet HTML 18Page - Agere Systems T8301 Datasheet HTML 19Page - Agere Systems T8301 Datasheet HTML 20Page - Agere Systems T8301 Datasheet HTML 21Page - Agere Systems T8301 Datasheet HTML 22Page - Agere Systems T8301 Datasheet HTML 23Page - Agere Systems T8301 Datasheet HTML 24Page - Agere Systems T8301 Datasheet HTML 25Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 190 page
background image
Lucent Technologies Inc.
21
Advance Data Sheet
December 2000
Phone-On-A-Chip IP Solution DSP
T8301 Internet Protocol Telephone
5 Audio Input/Output Circuitry (continued)
5.6 Audio Codec Control Registers
The analog audio input and output control register (aioc_reg) is used to select the active and enabled inputs
and outputs. Through this register the input and output channels can also have the clocks shut down to conserve
power.
Table 11. aioc_reg Analog Audio I/O Control
Analog Audio Input and Output Control Register (aioc_reg): Address (0x4000)
Bit #
15
14
13
12
11
10
9:8
Name
MPWRD
SPKFB
HNDFB
AINFB
SPK2EN
OLE
RSVD
Bit #
7
65
4
3
2
1:0
Name
RSVD
PGAS(2)
PGAS(1)
PGAS (0)
SPKEN
AOUTAEN
AINSS[1:0]
Bit #
Name
Value
at Reset
Description
15
MPWRD
1
Main powerdown.
If 1, powerdown.
If 0, powerup.
14
SPKFB
0*
Speaker #1 output filter bypass.
If 1, the transmit LPF is bypassed in the speaker path; set the correspond-
ing DMA clock to 16 kHz.
If 0, the transmit LPF is enabled in the speaker path.
Note: The SOC bits in the audio codec clock control register should
also be modified.
13
HNDFB
0*
Handset output filter bypass.
If 1, the transmit LPF is bypassed in the handset path; set the correspond-
ing DMA clock to 16 kHz.
If 0, the transmit LPF is enabled in the handset path.
Note: The HOC bits in the audio codec clock control register should
also be modified.
12
AINFB
0*
Analog input filter bypass.
If 1, the receive BPF is bypassed in the audio input path; set the corre-
sponding DMA clock to 16 kHz.
If 0, the receive BPF is enabled in the audio input path.
Note: The AINC bits in the audio codec clock control register should
also be modified.
11
SPK2EN
0
Enables speaker #2 output channel.
If 1, the speaker’s output driver is enabled.
If 0, the output driver for the speaker output channel is disabled.
10
OLE
0
Output limit enable. When set, this bit causes the nominal full-scale output
for the analog outputs to be limited to approximately half the normal value
of 2.5 Vp-p Setting this bit has no effect on the receive gain.
9:7
RSVD
Reserved.
* If the BPF is bypassed, output from the decimator must be shifted right by 2 bits (6 dB attenuation) to avoid saturation going into the com-
pander. Similarly, if the LPF is bypassed in the speaker or handset path, input into the interpolator must be shifted left by 2 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com