Electronic Components Datasheet Search
  English  ▼

X  

SPRUG12 Datasheet(PDF) 69 Page - Texas Instruments

Part # SPRUG12
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG12 Datasheet(HTML) 69 Page - Texas Instruments

Back Button SPRUG12 Datasheet HTML 65Page - Texas Instruments SPRUG12 Datasheet HTML 66Page - Texas Instruments SPRUG12 Datasheet HTML 67Page - Texas Instruments SPRUG12 Datasheet HTML 68Page - Texas Instruments SPRUG12 Datasheet HTML 69Page - Texas Instruments SPRUG12 Datasheet HTML 70Page - Texas Instruments SPRUG12 Datasheet HTML 71Page - Texas Instruments SPRUG12 Datasheet HTML 72Page - Texas Instruments SPRUG12 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
Table 5-14. Megamodule L1/L2 Memory Protection Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0184 A28C
L2MPPA35
L2 Memory Protection Page Attribute Register 35
0184 A290
L2MPPA36
L2 Memory Protection Page Attribute Register 36
0184 A294
L2MPPA37
L2 Memory Protection Page Attribute Register 37
0184 A298
L2MPPA38
L2 Memory Protection Page Attribute Register 38
0184 A29C
L2MPPA39
L2 Memory Protection Page Attribute Register 39
0184 A2A0
L2MPPA40
L2 Memory Protection Page Attribute Register 40
0184 A2A4
L2MPPA41
L2 Memory Protection Page Attribute Register 41
0184 A2A8
L2MPPA42
L2 Memory Protection Page Attribute Register 42
0184 A2AC
L2MPPA43
L2 Memory Protection Page Attribute Register 43
0184 A2B0
L2MPPA44
L2 Memory Protection Page Attribute Register 44
0184 A2B4
L2MPPA45
L2 Memory Protection Page Attribute Register 45
0184 A2B8
L2MPPA46
L2 Memory Protection Page Attribute Register 46
0184 A2BC
L2MPPA47
L2 Memory Protection Page Attribute Register 47
0184 A2C0
L2MPPA48
L2 Memory Protection Page Attribute Register 48
0184 A2C4
L2MPPA49
L2 Memory Protection Page Attribute Register 49
0184 A2C8
L2MPPA50
L2 Memory Protection Page Attribute Register 50
0184 A2CC
L2MPPA51
L2 Memory Protection Page Attribute Register 51
0184 A2D0
L2MPPA52
L2 Memory Protection Page Attribute Register 52
0184 A2D4
L2MPPA53
L2 Memory Protection Page Attribute Register 53
0184 A2D8
L2MPPA54
L2 Memory Protection Page Attribute Register 54
0184 A2DC
L2MPPA55
L2 Memory Protection Page Attribute Register 55
0184 A2E0
L2MPPA56
L2 Memory Protection Page Attribute Register 56
0184 A2E4
L2MPPA57
L2 Memory Protection Page Attribute Register 57
0184 A2E8
L2MPPA58
L2 Memory Protection Page Attribute Register 58
0184 A2EC
L2MPPA59
L2 Memory Protection Page Attribute Register 59
0184 A2F0
L2MPPA60
L2 Memory Protection Page Attribute Register 60
0184 A2F4
L2MPPA61
L2 Memory Protection Page Attribute Register 61
0184 A2F8
L2MPPA62
L2 Memory Protection Page Attribute Register 62
0184 A2FC
L2MPPA63
L2 Memory Protection Page Attribute Register 63
0184 A300 - 0184 A3FF
-
Reserved
0184 A400
L1PMPFAR
L1 Program (L1P) Memory Protection Fault Address Register
0184 A404
L1PMPFSR
L1P Memory Protection Fault Status Register
0184 A408
L1PMPFCR
L1P Memory Protection Fault Command Register
0184 A40C - 0184 A4FF
-
Reserved
0184 A500
L1PMPLK0
L1P Memory Protection Lock Key Bits [31:0]
0184 A504
L1PMPLK1
L1P Memory Protection Lock Key Bits [63:32]
0184 A508
L1PMPLK2
L1P Memory Protection Lock Key Bits [95:64]
0184 A50C
L1PMPLK3
L1P Memory Protection Lock Key Bits [127:96]
0184 A510
L1PMPLKCMD
L1P Memory Protection Lock Key Command Register
0184 A514
L1PMPLKSTAT
L1P Memory Protection Lock Key Status Register
0184 A518 - 0184 A5FF
-
Reserved
0184 A600 - 0184 A63C(2)
-
Reserved
0184 A640
L1PMPPA16
L1P Memory Protection Page Attribute Register 16
0184 A644
L1PMPPA17
L1P Memory Protection Page Attribute Register 17
0184 A648
L1PMPPA18
L1P Memory Protection Page Attribute Register 18
(2)
These addresses correspond to the L1P memory protection page attribute registers 0-15 (L1PMPPA0-L1PMPPA15) of the C64x+
megamodule. These registers are not supported for the C6474 device. The default value after the device reset for registers L1PMPPA16
to L1PMPPA31 is 0x0000 FFFF.
Copyright
© 2008–2011, Texas Instruments Incorporated
C64x+ Megamodule
69
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com