Electronic Components Datasheet Search
  English  ▼

X  

SPRUG12 Datasheet(PDF) 8 Page - Texas Instruments

Part # SPRUG12
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG12 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SPRUG12 Datasheet HTML 4Page - Texas Instruments SPRUG12 Datasheet HTML 5Page - Texas Instruments SPRUG12 Datasheet HTML 6Page - Texas Instruments SPRUG12 Datasheet HTML 7Page - Texas Instruments SPRUG12 Datasheet HTML 8Page - Texas Instruments SPRUG12 Datasheet HTML 9Page - Texas Instruments SPRUG12 Datasheet HTML 10Page - Texas Instruments SPRUG12 Datasheet HTML 11Page - Texas Instruments SPRUG12 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
2
Device Overview
2.1
Device Characteristics
Table 2-1 provides an overview of the C6474 DSP. The tables show significant features of the C6474
device, including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the package type
with pin count.
Table 2-1. Characteristics of the C6474 Processor
HARDWARE FEATURES
C6474
Peripherals
DDR2 Memory Controller (32-bit bus width) [1.8 V I/O]
1
Not all peripherals pins
(clock memory = DDRREFCLK(N|P)
are available at the same
EDMA3 (64 independent channels [CPU/3 clock rate]
1
time.
High-speed 1x Serial RapidIO Port (2 lanes)
1
(For more detail, see
Section 3, Device
I2C
1
Configuration)
McBSPs
2
(internal or external clock source up to 100 Mbps)
1000 Ethernet MAC (EMAC)
1
Management Data Input/Output (MDIO)
1
Antenna Interface (AIF)
1
Frame Synchronization (FSYNC)
1
64-bit Timers (Configurable)
6 64-bit or 12 32-bit
(internal clock source CPU/6 clock frequency)
SYSCLKOUT
1
General Purpose Input/Output Port (GPIO)
16
Decoder Coprocessors
VCP2 (clock source = CPU/3 clock frequency)
1
TCP2 (clock source = CPU/3 clock frequency)
1
On-Chip Memory
Size (Bytes)
3200 KB
Organization
32KB L1P Program Cache (SRAM/Cache)
32KB L1D Data Cache (SRAM/Cache)
32KB Data Memory Controller
3072KB Total L2 Unified Memory SRAM/Cache
64KB L3 ROM
CPU Megamodule
Revision ID Register
0x0
Revision ID
(MM_REVID. [15:0]) 0x0181 2000)
JTAG Device_ID
JTAG Register (address location: 0x0288 0814)
For details, see Section 3.6
Frequency
MHz
850 - 1200 (850 MHz to 1.2 GHz)
Cycle Time
ns
1.18 ns - 0.83 ns (850 MHz to 1.2 GHz CPU)
Voltage
Core (V)
0.9-V to 1.2-V SmartReflex(1) 1.1 V
I/O (V)
1.8 V, 1.1 V
PLL1 and PLL1 Controller
CLKIN1 Frequency Multiplier
Bypass (x1), (x4 to x32)
Options
PLL2
DDR Clock
X10
BGA Package
23 X 23 mm
561-Pin Flip-Chip with BGA CUN/GUN/ZUN
Process Technology
μm
0.065
μm
(1)
A heatsink and implementation of the SmartReflex solution is required for proper device operation. For more details on SmartReflex, see
Section 7.3.4.
8
Device Overview
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com