Electronic Components Datasheet Search
  English  ▼

X  

SPRUG12 Datasheet(PDF) 3 Page - Texas Instruments

Part # SPRUG12
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG12 Datasheet(HTML) 3 Page - Texas Instruments

  SPRUG12 Datasheet HTML 1Page - Texas Instruments SPRUG12 Datasheet HTML 2Page - Texas Instruments SPRUG12 Datasheet HTML 3Page - Texas Instruments SPRUG12 Datasheet HTML 4Page - Texas Instruments SPRUG12 Datasheet HTML 5Page - Texas Instruments SPRUG12 Datasheet HTML 6Page - Texas Instruments SPRUG12 Datasheet HTML 7Page - Texas Instruments SPRUG12 Datasheet HTML 8Page - Texas Instruments SPRUG12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
1.2
Description
The TMS320C64x+ DSPs (including the TMS320C6474 device) are the highest-performance multicore
DSP generation in the TMS320C6000
™ DSP platform.
The
C6474
device
is
based
on
the
third-generation
high-performance,
advanced
VelociTI
™
very-long-instruction-word (VLIW) architecture developed by Texas Instruments (TI).
The C64x+
™ devices are upward code-compatible from previous devices that are part of the C6000™
DSP platform.
1.2.1
Core Processor
Based on 65-nm process technology and 3.6 GHz of total raw DSP processing power with performance of
up to 28,800 million instructions per second (MIPS) [or 28,800 16-bit MMACs per cycle], the C6474 device
offers cost-effective solutions to high-performance DSP programming challenges with three independent
DSP subsystems. The DSP possesses the operational flexibility of high-speed controllers and numerical
capability of array processors.
The C64x+ DSP core employs eight functional units, two register files, and two data paths. Like the earlier
C6000 devices, two of these functional units are multipliers or .M units. Each C64x+ .M unit doubles the
multiply throughput versus the C64x core by performing four 16-bit x 16-bit multiply-accumulates (MACs)
every clock cycle. Thus, eight 16-bit x 16-bit MACs can be executed every cycle on the C64x+ core. At
a1.2-GHz rate, this means 9600 16-bit MMACs can occur every microsecond. Moreover, each multiplier
on the C64x+ core can compute one 32-bit x 32-bit MAC or four 8-bit x 8-bit MACs every clock cycle.
The C6474 DSP integrates a large amount of on-chip memory organized as a three-level memory system.
The level-1 data memories on the device are 32 KB each. This memory can be configured as mapped
RAM, cache, or some combination of the two. When configured as cache, L1 program (L1P) is a
direct-mapped cache where as L1 data (L1D) is a two-way set associative cache. The level-3 (L3) ROM is
64 KB in the device. The C64x+ megamodule also has a 32-bit peripheral configuration (CFG) port, an
internal DMA (IDMA) controller, a system component with reset/boot control, and a free-running 32-bit
timer for time stamp.
The C64x+ DSP core has a complete set of development tools which includes: a new C compiler, an
assembly optimizer to simplify programming and scheduling, and a Windows® debugger interface for
visibility into source code execution.
The DMA switch fabric provides enhanced on-chip connectivity between the DSP cores and the
peripherals and accelerators.
1.2.2
Peripherals
The peripheral set includes: an inter-integrated circuit bus module (I2C); two multichannel buffered serial
ports (McBSPs) each at 100 Mbps; six 64-bit general-purpose timers (also configurable as twelve 32-bit
timers); 16 general-purpose input/output ports (GPIO) with programmable interrupt/event generation
modes; a 1000-Mbps Ethernet media access controller (EMAC), which provides an efficient interface
between the C6474 DSP core processor and the network; a management data input/output (MDIO)
module (also part of EMAC), which controls PHY configuration and status monitoring; a frame
synchronization (FSYNC) module, which synchronizes DMA transactions; a semaphore hardware block
(Semaphore), which allows access to shared resources with unique interrupts to each of the cores to
identify when that core has acquired the resource; and a 16-/32-bit DDR2 SDRAM interface.
The I2C port allows the DSP to easily control peripheral devices and communicate with a host processor.
Copyright
© 2008–2011, Texas Instruments Incorporated
Features
3
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com