Electronic Components Datasheet Search
  English  ▼

X  

SPRUG12 Datasheet(PDF) 11 Page - Texas Instruments

Part # SPRUG12
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG12 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SPRUG12 Datasheet HTML 7Page - Texas Instruments SPRUG12 Datasheet HTML 8Page - Texas Instruments SPRUG12 Datasheet HTML 9Page - Texas Instruments SPRUG12 Datasheet HTML 10Page - Texas Instruments SPRUG12 Datasheet HTML 11Page - Texas Instruments SPRUG12 Datasheet HTML 12Page - Texas Instruments SPRUG12 Datasheet HTML 13Page - Texas Instruments SPRUG12 Datasheet HTML 14Page - Texas Instruments SPRUG12 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 214 page
background image
src2
src2
.D1
.M1
.S1
.L1
longsrc
odddst
src2
src1
src1
src1
src1
evendst
evendst
odddst
dst1
dst
src2
src2
src2
longsrc
DA1
ST1b
LD1b
LD1a
ST1a
Data path A
Odd
register
fileA
(A1, A3,
A5...A31)
Odd
register
fileB
(B1,B3,
B5...B31)
.D2
src1
dst
src2
DA2
LD2a
LD2b
src2
.M2
src1
dst1
.S2
src1
evendst
longsrc
odddst
ST2a
ST2b
longsrc
.L2
evendst
odddst
src1
Data pathB
Control Register
32MSB
32LSB
dst2
(A)
32MSB
32LSB
2x
1x
32LSB
32MSB
32LSB
32MSB
dst2
(B)
(B)
(A)
8
8
8
8
32
32
32
32
(C)
(C)
Even
register
file A
(A0, A2,
A4...A30)
Even
register
fileB
(B0,B2,
B4...B30)
(D)
(D)
(D)
(D)
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
A.
On .M unit, dst2 is 32 MB.
B.
On .M unit, dst1 is 32 LSB.
C.
On 64x+ CPU .M unit, src2 is 32 bits; on C64x+ CPU .M unit, src2 is 64 bits.
D.
On .L and .S units, odd dst connects to odd register files and even dst connects to even register files.
Figure 2-1. TMS320C64x+TM CPU (DSP Core) Data Path
Copyright
© 2008–2011, Texas Instruments Incorporated
Device Overview
11
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com