Electronic Components Datasheet Search
  English  ▼

X  

W3000 Datasheet(PDF) 13 Page - Agere Systems

Part # W3000
Description  W3000 PLL Dual-Band Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

W3000 Datasheet(HTML) 13 Page - Agere Systems

Back Button W3000 Datasheet HTML 9Page - Agere Systems W3000 Datasheet HTML 10Page - Agere Systems W3000 Datasheet HTML 11Page - Agere Systems W3000 Datasheet HTML 12Page - Agere Systems W3000 Datasheet HTML 13Page - Agere Systems W3000 Datasheet HTML 14Page - Agere Systems W3000 Datasheet HTML 15Page - Agere Systems W3000 Datasheet HTML 16Page - Agere Systems W3000 Datasheet HTML 17Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Advance Data Sheet
December 1999
W3000 PLL Dual-Band Frequency Synthesizer
Lucent Technologies Inc.
13
REF Register (continued)
Table 13. D5: Phase Detector Polarity (Bit 17)
D5
Phase Detector Polarity
0
Negative slope
1
Positive slope
The phase detector can be programmed for either a negative or positive slope to accommodate the VCO and
low-pass filter characteristics. (See Figure 7.)
LOOP
FILTER
REFERENCE
W3000
VCO
1
0
VCO INPUT CONTROL
VOLTAGE
Figure 7. Programming the Phase Detector Slope
Table 14. RE: Reset (Bit 20)
RE
Response
0
Operation mode
1
Reset MAIN and secondary registers
After the power supply is turned on, the REF register must be programmed with a reset. This must be followed by
a programming of the MAIN register before or at the enabling of the PLL circuit.
The RE bit will clear itself, and is required to ensure correct initialization of the IC. This results in the following
conditions:
+
The RE bit is cleared back to 0.
+
The device is in powerdown mode, since the EN[1:2] bits are also cleared.
+
Previous reference and main counter values are maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com