Electronic Components Datasheet Search
  English  ▼

X  

W3000 Datasheet(PDF) 20 Page - Agere Systems

Part # W3000
Description  W3000 PLL Dual-Band Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

W3000 Datasheet(HTML) 20 Page - Agere Systems

Back Button W3000 Datasheet HTML 16Page - Agere Systems W3000 Datasheet HTML 17Page - Agere Systems W3000 Datasheet HTML 18Page - Agere Systems W3000 Datasheet HTML 19Page - Agere Systems W3000 Datasheet HTML 20Page - Agere Systems W3000 Datasheet HTML 21Page - Agere Systems W3000 Datasheet HTML 22Page - Agere Systems W3000 Datasheet HTML 23Page - Agere Systems W3000 Datasheet HTML 24Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Advance Data Sheet
W3000 PLL Dual-Band Frequency Synthesizer
December 1999
Lucent Technologies Inc.
20
Application Information (continued)
General rules for the values of these components have been derived many times
1, and are quoted here merely
for reference. If:
p
tan
sec
1
T
ω
φ
−
φ
=
)
3
T
1
T
(
*
1
2
T
2
c
+
ω
=
2
REF
20
/
attn
)
F
*
2
(
1
10
3
T
π
−
=
where
φ = Phase margin required, normally 45° for a critically damped response.
p
ω = Loop bandwidth.
c
ω = Loop bandwidth modified for extra pole of R3 and C3, as described by:
(
)
(
)
[
]
−
+
φ
+
+
+
+
+
+
φ
=
ω
1
)
3
T
1
T
(
*
tan
3
T
*
1
T
)
3
T
1
T
(
1
*
T3
*
T1
T3)
(T1
T3)
(T1
*
tan
2
2
2
c
fREF = Reference frequency.
atten = Attenuation provided by the third pole at the reference frequency.
The loop filter values can then be derived as:
2
/
1
2
2
c
2
2
c
2
2
c
2
c
PD
)
3
T
*
1
)(
1
T
*
1
(
)
2
T
*
1
(
*
N
*
Kvco
*
K
*
2
T
1
T
1
C
ω
+
ω
+
ω
+
ω
=
−
=
1
1
T
2
T
*
1
C
2
C
2
C
2
T
1
R
=
The final pole, consisting of R2 and C3, should be chosen such that the following guidelines are followed:
10
1
C
3
C
≤
and
1
R
*
2
2
R
≥
1. Rohde, Ulrich L., Digital PLL Frequency Synthesizers Theory and Design, Prentice-Hall, 1983.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com