Electronic Components Datasheet Search
  English  ▼

X  

W3000 Datasheet(PDF) 4 Page - Agere Systems

Part # W3000
Description  W3000 PLL Dual-Band Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

W3000 Datasheet(HTML) 4 Page - Agere Systems

  W3000 Datasheet HTML 1Page - Agere Systems W3000 Datasheet HTML 2Page - Agere Systems W3000 Datasheet HTML 3Page - Agere Systems W3000 Datasheet HTML 4Page - Agere Systems W3000 Datasheet HTML 5Page - Agere Systems W3000 Datasheet HTML 6Page - Agere Systems W3000 Datasheet HTML 7Page - Agere Systems W3000 Datasheet HTML 8Page - Agere Systems W3000 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Advance Data Sheet
W3000 PLL Dual-Band Frequency Synthesizer
December 1999
Lucent Technologies Inc.
4
Pin Information
VDDC
CPOUT
VSS1
MAIN_IN
LAT
DAT
LOCKDET
REF_IN
PWRDN
CLK
RES
14
13
8
10
11
12
9
1
2
7
5
4
3
6
VSS2
VDD1
VDD2
Figure 3. Pin Diagram
Table 1. Pin Descriptions
Pin
Symbol
Function
Name/Description
1
VDDC
Supply
Charge Pump Positive Supply Voltage. Must be
≥VDD. (VDD = VDD1 = VDD2).
2
CPOUT
Output
Charge Pump Output.
3
VSS1
Ground
Ground 1. Charge pump and logic ground.
4
VSS2
Ground
Ground 2. Prescaler and reference ground.
5
MAIN_IN
Input
VCO Signal Input. Must be ac-coupled.
6
VDD1
Supply
Voltage Supply 1. Prescaler supply voltage.
7
VDD2
Supply
Voltage Supply 2. Logic and reference supply (must be equal to VDD1).
8
LOCKDET
Output
Lock Detect Output.
9
RES
Input
External Resistor Input. Add resistor to VDDC if required (>10 k
Ω).
10
REF_IN
Input
Reference Frequency Input. Connection from reference oscillator. Must be ac-
coupled.
11
PWRDN
Input
Powerdown. For low current operation. (Low is powerdown mode.)
12
CLK
Input
Serial Input. Programming clock line.
13
DAT
Input
Serial Input. Programming data line.
14
LAT
Input
Serial Input. Programming latch line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com