Electronic Components Datasheet Search
  English  ▼

X  

W3000 Datasheet(PDF) 21 Page - Agere Systems

Part # W3000
Description  W3000 PLL Dual-Band Frequency Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

W3000 Datasheet(HTML) 21 Page - Agere Systems

Back Button W3000 Datasheet HTML 17Page - Agere Systems W3000 Datasheet HTML 18Page - Agere Systems W3000 Datasheet HTML 19Page - Agere Systems W3000 Datasheet HTML 20Page - Agere Systems W3000 Datasheet HTML 21Page - Agere Systems W3000 Datasheet HTML 22Page - Agere Systems W3000 Datasheet HTML 23Page - Agere Systems W3000 Datasheet HTML 24Page - Agere Systems W3000 Datasheet HTML 25Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Advance Data Sheet
December 1999
W3000 PLL Dual-Band Frequency Synthesizer
Lucent Technologies Inc.
21
Application Information (continued)
For example, take a GSM application where a loop bandwidth of 22 kHz is required.
Other parameters specified by the system are listed below:
Parameter
Value
VCO Gain (KVCO)
88 MHz/V
Charge Pump Current (ICP)
2.5 mA
Divider Ratio (value of midband frequency used) (N)
7850
Required Phase Margin
45°
Reference Frequency Attenuation from Additional Pole
20 dB
Using the formulas above, the three time constants can be calculated as follows:
T1 = 2.63697E – 10
–6
s
T2 = 3.14484E – 10
–5
s
T3 = 2.38732E – 10
–6
s
From these values, we can derive the initial component values as follows:
R1 = 2992
Ω
C1 = 0.96 nF
C2 = 10.5 nF
If we choose R2 = 15 k
Ω, then
C3 = 159 pF
From these initial values, the loop filter components used in the application circuit can be derived through
practical optimization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com