Electronic Components Datasheet Search
  English  ▼

X  

AD5338R Datasheet(PDF) 17 Page - Analog Devices

Part # AD5338R
Description  Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5338R Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5338R Datasheet HTML 13Page - Analog Devices AD5338R Datasheet HTML 14Page - Analog Devices AD5338R Datasheet HTML 15Page - Analog Devices AD5338R Datasheet HTML 16Page - Analog Devices AD5338R Datasheet HTML 17Page - Analog Devices AD5338R Datasheet HTML 18Page - Analog Devices AD5338R Datasheet HTML 19Page - Analog Devices AD5338R Datasheet HTML 20Page - Analog Devices AD5338R Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
AD5338R
Rev. 0 | Page 17 of 28
THEORY OF OPERATION
DIGITAL-TO-ANALOG CONVERTER
The AD5338R is a dual, 10-bit, serial input, voltage output DAC
with an internal reference. The part operates from supply voltages
of 2.7 V to 5.5 V. Data is written to the AD5338R in a 24-bit word
format via a 2-wire serial interface. The AD5338R incorporates a
power-on reset circuit to ensure that the DAC output powers up to
a known output state. The device also has a software power-down
mode that reduces the typical current consumption to 4 µA.
TRANSFER FUNCTION
The internal reference is on by default. To use an external reference,
only a nonreference option is available. Because the input coding
to the DAC is straight binary, the ideal output voltage when using
an external reference is given by


×
=
N
REF
OUT
D
Gain
V
V
2
where:
Gain is the gain of the output amplifier and is set to 1 by default.
This can be set to ×1 or ×2 using the gain select pin. When this
pin is tied to GND, both DAC outputs have a span from 0 V to
VREF. If this pin is tied to VLOGIC, both DACs output a span of 0 V
to 2 × VREF.
D is the decimal equivalent of the binary code that is loaded to the
DAC register as 0 to 1,023 for the 10-bit device.
N is the DAC resolution.
DAC ARCHITECTURE
The DAC architecture consists of a string DAC followed by an
output amplifier. Figure 41 shows a block diagram of the DAC
architecture.
Figure 41. Single DAC Channel Architecture Block Diagram
The resistor string structure is shown in Figure 42. It is a string
of resistors, each of Value R. The code loaded to the DAC register
determines the node on the string where the voltage is to be
tapped off and fed into the output amplifier. The voltage is tapped
off by closing one of the switches connecting the string to the
amplifier. Because it is a string of resistors, it is guaranteed
monotonic.
Figure 42. Resistor String Structure
Internal Reference
The AD5338R on-chip reference is on at power-up but can
be disabled via a write to a control register. See the Internal
Reference Setup section for details.
The AD5338R has a 2.5 V, 2 ppm/°C reference, giving a full-scale
output of 2.5 V or 5 V depending on the state of the GAIN pin.
The internal reference associated with the device is available at
the VREF pin. This buffered reference is capable of driving external
loads of up to 10 mA.
Output Amplifiers
The output buffer amplifier can generate rail-to-rail voltages on
its output, which gives an output range of 0 V to VDD. The actual
range depends on the value of VREF, the GAIN pin, the offset error,
and the gain error. The GAIN pin selects the gain of the output.
•
If GAIN is tied to GND, both outputs have a gain of 1, and
the output range is 0 V to VREF.
•
If GAIN is tied to VLOGIC, both outputs have a gain of 2, and
the output range is 0 V to 2 × VREF.
These amplifiers are capable of driving a load of 1 kΩ in parallel
with 2 nF to GND. The slew rate is 0.8 V/µs with a ¼ to ¾ scale
settling time of 5 µs.
INPUT
REGISTER
2.5V
REF
DAC
REGISTER
RESISTOR
STRING
REF (+)
VREF
GND
REF (–)
VOUTX
GAIN
(GAIN = 1 OR 2)
R
R
R
R
R
TO OUTPUT
AMPLIFIER
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com