Electronic Components Datasheet Search
  English  ▼

X  

AD5338R Datasheet(PDF) 24 Page - Analog Devices

Part # AD5338R
Description  Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5338R Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5338R Datasheet HTML 20Page - Analog Devices AD5338R Datasheet HTML 21Page - Analog Devices AD5338R Datasheet HTML 22Page - Analog Devices AD5338R Datasheet HTML 23Page - Analog Devices AD5338R Datasheet HTML 24Page - Analog Devices AD5338R Datasheet HTML 25Page - Analog Devices AD5338R Datasheet HTML 26Page - Analog Devices AD5338R Datasheet HTML 27Page - Analog Devices AD5338R Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD5338R
Data Sheet
Rev. 0 | Page 24 of 28
THERMAL HYSTERESIS
Thermal hysteresis is the voltage difference induced on the
reference voltage by sweeping the temperature from ambient
to cold, to hot, and then back to ambient.
Thermal hysteresis data is shown in Figure 50. It is measured by
sweeping temperature from ambient to −40°C, then to +105°C,
and returning to ambient. The VREF delta is then measured between
the two ambient measurements and shown in blue in Figure 50.
The same temperature sweep and measurements are immediately
repeated, and the results are shown in red in Figure 50.
Figure 50. Thermal Hysteresis
9
8
7
6
5
4
3
2
1
0
50
0
–50
–100
–150
–200
DISTORTION (ppm)
FIRST TEMPERATURE SWEEP
SUBSEQUENT TEMPERATURE SWEEPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com