Electronic Components Datasheet Search
  English  ▼

X  

AD5338R Datasheet(PDF) 22 Page - Analog Devices

Part # AD5338R
Description  Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5338R Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5338R Datasheet HTML 18Page - Analog Devices AD5338R Datasheet HTML 19Page - Analog Devices AD5338R Datasheet HTML 20Page - Analog Devices AD5338R Datasheet HTML 21Page - Analog Devices AD5338R Datasheet HTML 22Page - Analog Devices AD5338R Datasheet HTML 23Page - Analog Devices AD5338R Datasheet HTML 24Page - Analog Devices AD5338R Datasheet HTML 25Page - Analog Devices AD5338R Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD5338R
Data Sheet
Rev. 0 | Page 22 of 28
LOAD DAC (HARDWARE LDAC PIN)
The AD5338R DACs have double buffered interfaces consisting
of two banks of registers: input registers and DAC registers. The
user can write to any combination of the input registers. Updates to
the DAC register are controlled by the LDAC pin.
Figure 47. Simplified Diagram of Input Loading Circuitry for a Single DAC
Instantaneous DAC Updating (LDAC Held Low)
LDAC is held low while data is clocked into the input register
using Command 0001. Both the addressed input register and
the DAC register are updated on the 24th clock, and the output
begins to change (see Table 14).
Deferred DAC Updating (LDAC is Pulsed Low)
LDAC is held high while data is clocked into the input register
using Command 0001. Both DAC outputs are asynchronously
updated by taking LDAC low after the 24th clock. The update
now occurs on the falling edge of LDAC.
LDAC MASK REGISTER
Command 0101 is reserved for this software LDAC mask function,
which allows the address bits to be ignored. Writing to the DAC
using Command 0101, loads the 4-bit LDAC register (DB3 to
DB0). The default for each channel is 0; that is, the LDAC pin
works normally. Setting the bits to 1 forces this DAC channel to
ignore transitions on the LDAC pin, regardless of the state of the
hardware LDAC pin. This flexibility is useful in applications where
the user wishes to select which channels respond to the LDAC
pin.
Table 12. LDAC Overwrite Definition
Load LDAC Register
LDAC Bits
(DB3 or DB0)
LDAC Pin
LDAC Operation
0
1 or 0
Determined by the LDAC pin.
1
X1
DAC channels update and
override the LDAC pin. DAC
channels see LDAC pin as 1.
1
X = don’t care.
The LDAC register gives the user extra flexibility and control over
the hardware LDAC pin (see Table 12). Setting the LDAC bits
(DB0 or DB3) to 0 for a DAC channel means that the update of the
channel is controlled by the hardware LDAC pin.
Table 13. 24-Bit Input Shift Register Contents for LDAC Operation1
DB23
(MSB)
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DBB15 to DB4
DB3
DB2
DB1
DB0
(LSB)
0
0
0
1
X
X
X
X
X
DAC B
0
0
DAC A
Command bits (C3 to C0)
Address bits,
don’t care
Don’t care
Setteing LDAC to 1 overrides
the LDAC pin
1
X = don’t care.
Table 14. Write Commands and LDAC Pin Truth Table1
Command
Description
Hardware LDAC
Pin State
Input Register
Contents
DAC Register Contents
0001
Write to Input Register n (dependent on LDAC)
VLOGIC
Data update
No change (no update)
GND2
Data update
Data update
0010
Update DAC Register n with contents of
Input Register n
VLOGIC
No change
Updated with input register contents
GND
No change
Updated with input register contents
0011
Write to and update DAC Channel n
VLOGIC
Data update
Data update
GND
Data update
Data update
1
A high-to-low hardware LDAC pin transition always updates the contents of the DAC register with the contents of the input register on channels that are not masked
(blocked) by the LDAC mask register.
2
When the LDAC pin is permanently tied low, the LDAC mask bits are ignored.
SDA
SCL
VOUTX
DAC
REGISTER
INPUT SHIFT
REGISTER
OUTPUT
AMPLIFIER
LDAC
VREF
INPUT
REGISTER
10-BIT
DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com